Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLC1
Description  LED LAMPS CLUSTER DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLC1 Datasheet HTML 3Page - STMicroelectronics STLC1 Datasheet HTML 4Page - STMicroelectronics STLC1 Datasheet HTML 5Page - STMicroelectronics STLC1 Datasheet HTML 6Page - STMicroelectronics STLC1 Datasheet HTML 7Page - STMicroelectronics STLC1 Datasheet HTML 8Page - STMicroelectronics STLC1 Datasheet HTML 9Page - STMicroelectronics STLC1 Datasheet HTML 10Page - STMicroelectronics STLC1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
STLC1
7/16
only when the OUT voltage is about 95% of its
final value. Such a start-up phase takes place
when only one input is enabled.
LOW SIDE DRIVER:
The purpose of the low side drivers is to connect
the LED cluster to ground, creating a path for the
current. Using external resistors, current flowing
into the LED cluster is set according to the
following formula:
where (see typical application schematic):
RL =RLT,RLS,or RLR
RT =RTT,RTS,or RTR
R(on) = Static drain to source LSD on resistance
VOUT = Output Voltage
VARRAY = Expected LED array voltage drop.
LSD over-current protection and under-current
diagnostic (see LAMP OUTAGE DETECTION
section) is performed by sensing the voltage on
resistors, when the corresponding LSD are
enabled.
If the voltage on
exceeds VH-SHORT,the
over-current protection acts by reducing the LSD
average current by switching ON and OFF the
LSD itself.
LAMP OUTAGE DETECTION
Resistors are used to sense the LED array
current. In case one or more LEDs fail (open
circuit) the current on the corresponding resistor
will drop due to the increased LED array
resistance. As soon as the voltage drop on
is
lower than VLOUT, a LED lamp fault condition is
detected and the LMP-OUT pin becomes active
(low).
The
LAMP-OUTAGE
functionality
is
AND-ed with each input, that is a fault condition
can be detected only when the LED arrays are
enabled.
DIMMING
The dimming of the LED lamps can be obtained by
using the internal PULSE WIDTH controller (it
drives the LSD TAIL and STOP gates). The duty
cycle of this internal oscillator (whose frequency is
380Hz typical) can be set, forcing the voltage of
theCNTLpin to be afraction of VREF,byusing a
simple resistor divider (as shown in the typical
application scheme).
In this case the duty cycle percentage can be
calculated
with
the
following
approximated
formula:
The TS-PWM pin voltage, according to the
TABLE1 determines which LSD is PULSE WIDTH
CONTROLLER driven. Internal dimming can only
be performed on the TAIL and STOP arrays. The
TURN array can be externally dimmed (as well as
TAIL and STOP) by driving the corresponding
input witha a square pulse signal whose maximum
frequency must be 200Hz.
I
ARRAY
V
OUT
V
ARRAY
R
T
R
L
R
on
()
++
----------------------------------------------
=
DC%
3.8 if
R
C1
R
C1
R
C2
+
----------------------------
0.2
V
REF
--------------
R
C1
R
C1
R
C2
+
----------------------------
100 Elsewhere








Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com