Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLC1
Description  LED LAMPS CLUSTER DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1 Datasheet(HTML) 5 Page - STMicroelectronics

  STLC1 Datasheet HTML 1Page - STMicroelectronics STLC1 Datasheet HTML 2Page - STMicroelectronics STLC1 Datasheet HTML 3Page - STMicroelectronics STLC1 Datasheet HTML 4Page - STMicroelectronics STLC1 Datasheet HTML 5Page - STMicroelectronics STLC1 Datasheet HTML 6Page - STMicroelectronics STLC1 Datasheet HTML 7Page - STMicroelectronics STLC1 Datasheet HTML 8Page - STMicroelectronics STLC1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STLC1
5/16
ELECTRICAL CHARACTERISTICS FOR LOW SIDE DRIVER SECTION (TJ=-40 to 125°C unless
otherwise specified. Typical values are referred at TJ=25°C, VB+=14V)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
R(on)
Static drain to source LSD
N-channel switch on
resistance
VB+ =9V,
VTURN =VB+ VTR-L =0V
ITR-DRV=1A
500
m
VSTOP =VB+ VST-L =0V
IST-DRV=1A
500
m
VTAIL =VB+ VTL-L =0V
ITL-DRV=1A
500
m
ILSD(off)
OFF State LSD’S leakage
current
VTURN =VSTOP =VTAIL =0V
VTR-DRV =VST-DRV =VTL-DRV =VB+
10
µA
tLSD-ON
LSD Turn On Delay
CREF =1µFCOUT = 220µF
(see note 2,4 and Fig 1, 2)
2ms
VLS-ON
FDBK Voltage over which
LSD’s are enabled
0.95VFB
V
VLS-OFF
FDBK Voltage over which
LSD’s are disabled
0.5VFB
V
fLSD
Pulse Width Controller
Internal Oscillator
Frequency
VTAIL =VB+ VTS-PWM =VREF/2
200
380
500
Hz
VIN(ON)
Input Threshold voltage to
enable LSD
VB+ = 9 to 16V
0.6VB+
V
VIN(OFF)
Input Threshold voltage to
disable LSD
VB+ = 9 to 16V
0.4VB+
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com