Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLC1
Description  LED LAMPS CLUSTER DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1 Datasheet(HTML) 3 Page - STMicroelectronics

  STLC1 Datasheet HTML 1Page - STMicroelectronics STLC1 Datasheet HTML 2Page - STMicroelectronics STLC1 Datasheet HTML 3Page - STMicroelectronics STLC1 Datasheet HTML 4Page - STMicroelectronics STLC1 Datasheet HTML 5Page - STMicroelectronics STLC1 Datasheet HTML 6Page - STMicroelectronics STLC1 Datasheet HTML 7Page - STMicroelectronics STLC1 Datasheet HTML 8Page - STMicroelectronics STLC1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STLC1
3/16
PIN DESCRIPTION
ORDERING INFORMATION
Pin N°
Symbol
Name and Function
1
GND
Ground
2
TR-DRV
The Low Side Driver drain pin for the TURN LED array
3
TR-L
The Low Side Driver source pin, used to detect either a lamp outage or an
over-current condition for the TURN LED array
4
ST-DRV
The Low Side Driver drain pin for the STOP LED array
5
ST-L
The Low Side Driver source pin, used to detect either a lamp outage or an
over-current condition for the STOP LED array
6
TL-DRV
The Low Side Driver drain pin for the TAIL LED array
7
TL-L
The Low Side Driver source pin, used to detect either a lamp outage or an
over-current condition for the TAIL LED array
8
CNTL
Determines, according to a percentange of VREF, the Pulse Width Controller
internal oscillator duty cycle
9
REF
Stable Reference Voltage
10
GND
Ground
11
GND
Ground
12
B+
Power Supply
13
TAIL
TAIL input pin. When brought high, TAIL activates the IC and drives the TAIL led
array.
14
STOP
STOP input pin. When brought high, STOP activates the IC and drives the
STOP led array.
15
TURN
TURN input pin. When brought high, TURN activates the IC and drives the
TURN led array.
16
FDBK
Internal Error Amplifier Inverting Pin
17
P-OUT
Power MOSFET drain pin
18
TS-PWM
A Three State Input. It determine the control logic for TAIL and STOP Low Side
Drivers.
19
LMP-OUT
A weak pulled up signal during lamps No Fault condition and an active pulldown
when a Fault condition is detected.
20
GND
Ground
TYPE
PowerSO-20TM
STLC1
STLC1PD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com