Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLC1
Description  LED LAMPS CLUSTER DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1 Datasheet(HTML) 1 Page - STMicroelectronics

  STLC1 Datasheet HTML 1Page - STMicroelectronics STLC1 Datasheet HTML 2Page - STMicroelectronics STLC1 Datasheet HTML 3Page - STMicroelectronics STLC1 Datasheet HTML 4Page - STMicroelectronics STLC1 Datasheet HTML 5Page - STMicroelectronics STLC1 Datasheet HTML 6Page - STMicroelectronics STLC1 Datasheet HTML 7Page - STMicroelectronics STLC1 Datasheet HTML 8Page - STMicroelectronics STLC1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
September 2002
s
FULLY MONOLITHIC FIXED FREQUENCY
SMPS
s
THREE LOW SIDE DRIVERS FOR STOP
TAIL AND TURN LED LAMPS ARRAYS
DRIVING
s
PROGRAMMABLE LOW SIDE DRIVER
OVER CURRENT LIMIT PROTECTION
s
UNDER CURRENT DIAGNOSTIC
s
INPUT OVERVOLTAGE PROTECTION
s
VERY LOW STAND-BY CURRENT
s
THERMAL PROTECTION WITH
HYSTERESIS
DESCRIPTION
The STLC1, a device realized with the well
established BCD technology, is a fixed frequency
fully monolithic SMPS, with three independent
smart low side driver, primarily intended for
automotive rear led lamps driving.
The output voltage is set using a simple resistor
divider. Thermal shutdown with hysteresis, input
over-voltage and overcurrent protections give
robust design solutions.
STLC1
LED LAMPS CLUSTER DRIVER
ST -L
TL -L
-
+
TR -L
B+
TURN
STOP
TAIL
OSCILLATOR
PWM
SWITCH
CONTOLLER
-
+
1.24V
THERMAL
PROTECTION
CNTL
TS -PWM
LAMP
OUTAGE
DETECT
PULSE WIDTH
CONTROLLER
P-OUT
TR -DRV
REF
FDBK
ST -DRV
TL -DRV
REF
GND
LMP -OUT
OSC
COMP1
R
s
ERR AMP
M1
M2
M3
I
N
P
U
T
PWM
COMP
SCHEMATIC DIAGRAM
PowerSO-20TM


Similar Part No. - STLC1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC1502 STMICROELECTRONICS-STLC1502 Datasheet
526Kb / 81P
VOICE OVER IP PROCESSOR
A04
STLC1510 STMICROELECTRONICS-STLC1510 Datasheet
426Kb / 40P
NorthenLite G.lite DMT Transceiver
Nov-2000
STLC1511 STMICROELECTRONICS-STLC1511 Datasheet
358Kb / 31P
NorthenLite 1.0 G.lite BiCMOS Analog Front-End Circuit
Nov-2000
STLC1512 STMICROELECTRONICS-STLC1512 Datasheet
329Kb / 26P
NorthenLiter (PG.lite BiCMOS Analog Front-End Circuit
Nov-2000
More results

Similar Description - STLC1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI6010 ETC-MBI6010 Datasheet
187Kb / 4P
3-Channel Driver for RGB LED Cluster
logo
Kingbright Corporation
BL0709-18-76 KINGBRIGHT-BL0709-18-76 Datasheet
55Kb / 2P
28mmX28mm LED CLUSTER
logo
SunLED Corporation
K4MD2BBA12SGW85 SUNLED-K4MD2BBA12SGW85 Datasheet
148Kb / 3P
28mmX28mm LED CLUSTER
K4MDW62 SUNLED-K4MDW62 Datasheet
139Kb / 3P
18.4mm LED CLUSTER
K4SGW63 SUNLED-K4SGW63 Datasheet
138Kb / 3P
18.4mm LED CLUSTER
K50MRW6 SUNLED-K50MRW6 Datasheet
153Kb / 3P
52mm LED CLUSTER
logo
BetLux Electronics
BL-CR19AR3G4 BETLUX-BL-CR19AR3G4 Datasheet
71Kb / 3P
LED LAMP CLUSTER
REV NO: V.2
BL-CS15AR1G3 BETLUX-BL-CS15AR1G3 Datasheet
73Kb / 3P
LED LAMP CLUSTER
REV NO: V.2
BL-CS28AR3G5B1 BETLUX-BL-CS28AR3G5B1 Datasheet
73Kb / 3P
LED LAMP CLUSTER
REV NO: V.2
BL-CS39AR2G1B1 BETLUX-BL-CS39AR2G1B1 Datasheet
79Kb / 3P
LED LAMP CLUSTER
REV NO: V.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com