Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLC1
Description  LED LAMPS CLUSTER DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLC1 Datasheet HTML 2Page - STMicroelectronics STLC1 Datasheet HTML 3Page - STMicroelectronics STLC1 Datasheet HTML 4Page - STMicroelectronics STLC1 Datasheet HTML 5Page - STMicroelectronics STLC1 Datasheet HTML 6Page - STMicroelectronics STLC1 Datasheet HTML 7Page - STMicroelectronics STLC1 Datasheet HTML 8Page - STMicroelectronics STLC1 Datasheet HTML 9Page - STMicroelectronics STLC1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
STLC1
6/16
ELECTRICAL CHARACTERISTICS FOR FEEDBACK AND CONTROL (TJ=-40 to 125°C unless
otherwise specified. Typical values are referred at TJ=25°C, VB+=14V)
Note 1: The device is powered. If only one of the three inputs is enabled (the remaining inputs are shorted to ground), tSMPS-ON is the time
required for the OUT voltage to reach the10% of its own steady state value
Note 2: The device is powered. If only one of the three inputs is brought high (the remaining inputs are shorted to ground), TLSD-ON is the
time required for the current to flow in the enabled LSD
Note 3: The device is powered and at least one input is enabled. If this input is disabled, TLSD-OFF is the time required for the current to be-
come zero in the previously enabled LSD.
Note 4: Guaranteed by design, not tested in production.
FUNCTIONAL DESCRIPTION
SMPS
The
N-channel
Power
MOSFET
is
source
grounded, thus it is possible to use any converter
configuration with the power switch connected to
ground. A SEPIC topology (Single Ended Primary
Inductor
Current)
is
shown
in
the
typical
application schematic.
INPUTS PINS
The IC’s inputs are TURN, STOP and TAIL. If all
inputs are disabled, SMPS and most of the
internal control and diagnostic circuitry are not
active. This is done in order to maintain the
stand-by quiescent current at very low values.
When only one of these inputs is put high (e.g
connected to VB+), a device start-up phase
begins. First the CREF capacitor is charged and,
once the voltage on it has reached about 95% of
its steady state value (VREF), the SMPS is
enabled. In order to allow the output to reach the
regulated
voltage
value
faster,
the
LSD
corresponding to the input enabled will conduct
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VLOUT
Lamp Outage Detect
Threshold Voltage
TJ=25°C
150
200
250
mV
VH-SHORT Output Overcurrent
Threshold Voltage
TJ=25°C
1.2
1.3
1.6
V
VREF
External Voltage
Reference
VTURN =VSTOP =VTAIL =VB+
IREF =500µA
3.6
3.8
4
V
VFB
Internal Band-gap Voltage
Reference (see schematic
diagram)
VTURN =VSTOP =VTAIL =VB+
1.15
1.24
1.3
V
VLH(en)
Device Enabled Lamp
Outage no fault High
Voltage
VB+ = 9 to 16V, ILMP-OUT <-4mA
At
least one input enabled. No fault
condition.
VB+-2
VB+
V
VLH(dis)
Device Disabled Lamp
Outage no fault High
Voltage
VB+ = 9 to 16V, ILMP-OUT <-2mA
VTURN =VSTOP =VTAIL =0V
VB+-2
VB+
V
VLL
Lamp Outage fault Low
Voltage
VB+ = 9 to 16V ILMP-OUT < 100mA At
least one input enabled. Fault condition.
1.5
V
R(IN)
TURN, STOP and TAIL
Input Resistance
VB+ = 12V,
18.5
k
TSHDN
Thermal Shutdown
Threshold
(see Note 4)
150
°C
THYST
Thermal Shutdown
Hysteresis
(see Note 4)
10
°C
tF(on)
Time to Fault Indication
ON
60
µs
tF(off)
Time to Fault Indication
OFF
8ms
VTS-PWM(L) TS-PWM Low State
Voltage (see table 1)
0.1VREF
V
VTS-PWM(M) TS-PWM Mid State
Voltage (see table 1)
0.21VREF
0.79VREF
V
VTS-PWM(H) TS-PWM High State
Voltage (see table 1)
0.98VREF
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com