Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STLC1
Description  LED LAMPS CLUSTER DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1 Datasheet(HTML) 2 Page - STMicroelectronics

  STLC1 Datasheet HTML 1Page - STMicroelectronics STLC1 Datasheet HTML 2Page - STMicroelectronics STLC1 Datasheet HTML 3Page - STMicroelectronics STLC1 Datasheet HTML 4Page - STMicroelectronics STLC1 Datasheet HTML 5Page - STMicroelectronics STLC1 Datasheet HTML 6Page - STMicroelectronics STLC1 Datasheet HTML 7Page - STMicroelectronics STLC1 Datasheet HTML 8Page - STMicroelectronics STLC1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
STLC1
2/16
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
CONNECTION DIAGRAM (top view)
Symbol
Parameter
Value
Unit
VB+
Transient Supply Voltage (load dump)
60
V
VB+
Operating Supply Voltage
24
V
VTURN,
VSTOP,
VTAIL
TURN, STOP and TAIL input pins voltage
VB+ + 0.3
V
ITURN,
ISTOP,
ITAIL
TURN, STOP and TAIL pins current
± 10
mA
ITR-DRV,
ITL-DRV,
IST-DRV
TR-DRV, TL-DRV and ST-DRV pins sink current
1.5
A
ILMP-OUT
LMP-OUT pin sink current
120
mA
VP-OUT
P-OUT DC Voltage
60
V
IP-OUT
P-OUT pin sink current
Internally Limited
A
Tstg
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature Range
-40 to +125
°C
Symbol
Parameter
PowerSO-20TM
Unit
Rthj-case
Thermal Resistance Junction-case
2
°C/W
Rthj-amb
Thermal Resistance Junction-Ambient
50
°C/W
PowerSO-20TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com