Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH345 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSH345
Description  Triple video buffer with selectable filter for HD and SD video applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH345 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSH345 Datasheet HTML 3Page - STMicroelectronics TSH345 Datasheet HTML 4Page - STMicroelectronics TSH345 Datasheet HTML 5Page - STMicroelectronics TSH345 Datasheet HTML 6Page - STMicroelectronics TSH345 Datasheet HTML 7Page - STMicroelectronics TSH345 Datasheet HTML 8Page - STMicroelectronics TSH345 Datasheet HTML 9Page - STMicroelectronics TSH345 Datasheet HTML 10Page - STMicroelectronics TSH345 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TSH345
Using the TSH345 to drive Y-C, CVBS, Y-U-V, Y-Pb-Pr and R-G-B video components
7/14
4
Using the TSH345 to drive Y-C, CVBS, Y-U-V, Y-Pb-Pr
and R-G-B video components
Figure 2.
Implementation of the video driver on output video DACs
Figure 3.
Shapes of video signals coming from DACs (example for a black picture)
+5V
75
Ω
75
Ω Cable
75
Ω
1Vpp
1Vpp
2Vpp
1Vpp
1Vpp
Video
DAC
LPF
Reconstruction
Filtering
Y
75
Ω
75
Ω Cable
75
Ω
Video
DAC
Pb
75
Ω
Video
DAC
Pr
TV
TSH345
75
Ω Cable
75
Ω
+6dB
+
+
LPF
Reconstruction
Filtering
+6dB
+
+
LPF
Reconstruction
Filtering
+6dB
+
+
0.7Vpp
0.7Vpp
1.4Vpp
1.4Vpp
0.7Vpp
0.7Vpp
0.7Vpp
0.7Vpp
1.4Vpp
1.4Vpp
0.7Vpp
0.7Vpp
-5V
GND
GND
590ns
(44t)
27ns
(2t)
54ns
(4t)
27ns
(2t)
590ns
(44t)
300mV
300mV
HD
Black (30IRE)
14.8us (1100t): 1920/1080i
24.3us (1800t): 1280/720i
•Fclock=74.25MHz
•t=1/Fclock=13.5ns
SD
GND
4.6us
160ns
300mV
Black (30IRE)
64us
150ns
sync.tip
sync.tip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com