Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH345 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSH345
Description  Triple video buffer with selectable filter for HD and SD video applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH345 Datasheet(HTML) 2 Page - STMicroelectronics

  TSH345 Datasheet HTML 1Page - STMicroelectronics TSH345 Datasheet HTML 2Page - STMicroelectronics TSH345 Datasheet HTML 3Page - STMicroelectronics TSH345 Datasheet HTML 4Page - STMicroelectronics TSH345 Datasheet HTML 5Page - STMicroelectronics TSH345 Datasheet HTML 6Page - STMicroelectronics TSH345 Datasheet HTML 7Page - STMicroelectronics TSH345 Datasheet HTML 8Page - STMicroelectronics TSH345 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute maximum ratings and operating conditions
TSH345
2/14
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
6V
Vin
Input voltage range (2)
TBD
V
Toper
Operating free air temperature range
-40 to +85
°C
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthjc
Thermal resistance junction to case
SO14
TSSOP14
22
32
°C/W
Rthja
Thermal resistance junction to ambient area
SO14
TSSOP14
125
110
°C/W
Pmax
Maximum power dissipation (@Tamb = 25°C) for Tj = 150° C
SO14
TSSOP14
1
1.1
W
ESD
CDM: charged device model
HBM: human body model
MM: machine model
200
2
200
V
kV
V
1.
All voltage values, except differential voltage, are with respect to network terminal.
2.
The magnitude of input and output voltage must never exceed VCC +0.3 V.
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Power supply voltage
4.5 to 5.5(1)
V
1.
Tested in full production with +5 V single power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com