Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH345 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSH345
Description  Triple video buffer with selectable filter for HD and SD video applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH345 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSH345 Datasheet HTML 5Page - STMicroelectronics TSH345 Datasheet HTML 6Page - STMicroelectronics TSH345 Datasheet HTML 7Page - STMicroelectronics TSH345 Datasheet HTML 8Page - STMicroelectronics TSH345 Datasheet HTML 9Page - STMicroelectronics TSH345 Datasheet HTML 10Page - STMicroelectronics TSH345 Datasheet HTML 11Page - STMicroelectronics TSH345 Datasheet HTML 12Page - STMicroelectronics TSH345 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TSH345
Using the TSH345 to drive Y-C, CVBS, Y-U-V, Y-Pb-Pr and R-G-B video components
9/14
4.1
Output capacitor
The output can be either DC-coupled or AC-coupled. The output can be connected to the
line via a 75-ohm resistor directly (see Figure 5). Or, an output capacitor can be used to
remove any DC components in the load. Assuming the load is 150-ohm, a coupling
capacitor of 220 µF can be used to provide a very low cut-off frequency close to 5 Hz (see
Figure 6).
Figure 5.
DC output coupling (1 of 3 channels)
Figure 6.
AC output coupling (1 of 3 channels)
1.
CS is a 100nF used to decrease the parasitic components of C in high frequencies.
2.
The 75-ohm resistor must be as close as possible to the output of the driver to minimize the effect of
parasitic capacitance.
75
Ω
75
Ω Cable
75
Ω
Video
DAC
150
Ω
+5V
TSH345
C=220µF
+
75
Cable
75
Video
DAC
150
75
C
S
+5V
TSH345



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com