Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH345 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSH345
Description  Triple video buffer with selectable filter for HD and SD video applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH345 Datasheet(HTML) 3 Page - STMicroelectronics

  TSH345 Datasheet HTML 1Page - STMicroelectronics TSH345 Datasheet HTML 2Page - STMicroelectronics TSH345 Datasheet HTML 3Page - STMicroelectronics TSH345 Datasheet HTML 4Page - STMicroelectronics TSH345 Datasheet HTML 5Page - STMicroelectronics TSH345 Datasheet HTML 6Page - STMicroelectronics TSH345 Datasheet HTML 7Page - STMicroelectronics TSH345 Datasheet HTML 8Page - STMicroelectronics TSH345 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TSH345
Electrical characteristics
3/14
2
Electrical characteristics
Table 3.
Electrical characteristics at VCC = +5 V single supply, Tamb =25°C
(unless otherwise specified)
Symbol
Test conditions
Min.
Typ.
Max.
Unit
DC performance
VDC
Output DC shift
RL = 150 Ω, Tamb
-40° C < Tamb < +85° C
197
329
405
389
mV
Iib
Input bias current
Tamb , input to GND
-40° C < Tamb < +85° C
0.85
1.5
2.38
2.9
µA
Rin
Input resistance, Tamb
12.6
G
Ω
Cin
Input capacitance, Tamb
0.1
pF
ICC
Total supply current
No load, input to GND
-40°C < Tamb <+85°C
50.7
TBD
65
mA
PSRR
Power supply rejection ratio 20 log (
ΔVout/ΔVCC)
Input to GND, RL =150 Ω ΔVCC :
100 mVp/F = 1 MHz, CLF = 470 nF, CHF = 100 µF
-70
dB
G
DC voltage gain
RL = 150Ω, Vin =0.5V
-40°C < Tamb <+85°C
1.94
1.99
2
2.02
V/V
DG
Variation of the DC voltage gain between inputs of
0.3 V and 1 V
Input step from 0.3 V to 1 V
0.2
0.5
%
MG1
Gain matching between 3 channels, input = 1 V
0.5
1
%
MG0.3
Gain matching between 3 channels, input = 0.3 V
0.5
1
%
Output characteristics
VOH
High level output voltage
RL = 150 Ω
-40° C < Tamb < +85° C
3.84
3.87
TBD
V
VOL
Low level output voltage(1)
RL = 150 Ω
-40° C < Tamb < +85° C
33
TBD
40
mV
Iout
Isource
Tamb
-40° C < Tamb < +85° C
46
91
79
mA
Isink
-40° C < Tamb < +85° C
TBD
145
102
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com