Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH345 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSH345
Description  Triple video buffer with selectable filter for HD and SD video applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH345 Datasheet(HTML) 4 Page - STMicroelectronics

  TSH345 Datasheet HTML 1Page - STMicroelectronics TSH345 Datasheet HTML 2Page - STMicroelectronics TSH345 Datasheet HTML 3Page - STMicroelectronics TSH345 Datasheet HTML 4Page - STMicroelectronics TSH345 Datasheet HTML 5Page - STMicroelectronics TSH345 Datasheet HTML 6Page - STMicroelectronics TSH345 Datasheet HTML 7Page - STMicroelectronics TSH345 Datasheet HTML 8Page - STMicroelectronics TSH345 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
TSH345
4/14
Filtering
Standard
definition
Bandwidth
F1 selected, small signal, VICM=0.5 V, RL =150 Ω
3 dB bandwidth
1 dB bandwidth
5.12
9.3
7.3
MHz
Flatness
F1selected/F= 6 MHz, small signal, VICM =0.5 V,
RL =150 Ω
0.5
dB
Attenuation
F1 selected/F=27 MHz, small signal, VICM =0.5 V,
RL =150 Ω
30
47
dB
Standard
definition
with
progressive
scanning
Bandwidth
F2 selected, small signal, VICM =0.5 V, RL = 150 Ω
3 dB bandwidth
1 dB bandwidth
10.4
21.5
18.2
MHz
Flatness
F2 selected/F=12 MHz small signal, VICM =0.5 V,
RL =150 Ω
0.36
dB
Attenuation
F2 selected/F=54 MHz, small signal, VICM =0.5 V,
RL =150 Ω
34
42.7
dB
High
definition
Bandwidth
F3 selected, small signal, VICM =0.5 V, RL = 150 Ω
3 dB bandwidth
1 dB bandwidth
22
35.6
30.8
MHz
Flatness
F3 selected/F=30 MHz, small signal, VICM =0.5 V,
RL =150 Ω
0.46
dB
Attenuation
F3 selected/F=74.25 MHz, small signal,
VICM =0.5 V, RL =150 Ω
TBD
36
dB
D
Delay between each channel
0.5
ns
gd
Group delay variation
F1 selected/F=0 to 6 MHz
10.3
ns
Δg
Differential gain
F1 selected/F=6 MHz, RL =150 Ω
0.5
%
ΔΦ
Differential phase
F1 selected/F=6 MHz, RL =150 Ω
0.5
°
Table 3.
Electrical characteristics at VCC = +5 V single supply, Tamb =25°C
(unless otherwise specified) (continued)
Symbol
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com