Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH345 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSH345
Description  Triple video buffer with selectable filter for HD and SD video applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH345 Datasheet(HTML) 5 Page - STMicroelectronics

  TSH345 Datasheet HTML 1Page - STMicroelectronics TSH345 Datasheet HTML 2Page - STMicroelectronics TSH345 Datasheet HTML 3Page - STMicroelectronics TSH345 Datasheet HTML 4Page - STMicroelectronics TSH345 Datasheet HTML 5Page - STMicroelectronics TSH345 Datasheet HTML 6Page - STMicroelectronics TSH345 Datasheet HTML 7Page - STMicroelectronics TSH345 Datasheet HTML 8Page - STMicroelectronics TSH345 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TSH345
Electrical characteristics
5/14
Noise and distortion
eN
Total input voltage noise in Standard Definition
F = 100 kHz, RIN =50 Ω
70
nV/
√Hz
Total input voltage noise in High Definition
F = 100 kHz, RIN =50 Ω
93
HD2
2nd harmonic distortion
F1 selected/F=1 MHz, Vout =2Vp-p, RL =150 Ω
-44
dBc
HD3
3rd harmonic distortion
F1 selected/F=1 MHz, Vout =2Vp-p, RL =150 Ω
-63
dBc
Standby mode
ISTBY
Total current consumption in standby mode
Fs1=1, Fs0=1
TBD
570
µA
Ton
Time from standby to active mode
5
µs
Toff
Time from active to standby mode
5
µs
Fs1, Fs0 and Mux features
Vhigh
High level
0.9
V
Vlow
Low level
0.3
V
1.
Simulated data.
Table 4.
Filter and standby settings, VCC = +5 V single supply, Tamb =25°C
Fs1
Fs0
Settings
0
0
F3
Filtering for high definition (HD), 36 MHz
0
1
F2
Filtering for progressive video (PV), 18 MHz
1
0
F1
Filtering for standard definition (SD), 9 MHz
1
1
Standby
TSH345 in standby mode
Fs1 and Fs0 floating: forbidden
(for proper behavior of the TSH345, the Fs1 and Fs0 pins must never be left floating)
Table 5.
Mux settings, VCC = +5 V single supply, Tamb =25°C
Mux
Settings
0
R1 G1 B1
Video1 selected
1
R2 G2 B2
Video2 selected
Floating
R1 G1 B1
Video1 selected
MUX floating: forbidden
(for proper behavior of the TSH345, the MUX pin must never be left floating)
Table 3.
Electrical characteristics at VCC = +5 V single supply, Tamb =25°C
(unless otherwise specified) (continued)
Symbol
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com