Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG4159 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STG4159
Description  Low voltage 0.3Ω max single SPDT switch with break-before-make feature and 10kV contact ESD protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4159 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STG4159 Datasheet HTML 2Page - STMicroelectronics STG4159 Datasheet HTML 3Page - STMicroelectronics STG4159 Datasheet HTML 4Page - STMicroelectronics STG4159 Datasheet HTML 5Page - STMicroelectronics STG4159 Datasheet HTML 6Page - STMicroelectronics STG4159 Datasheet HTML 7Page - STMicroelectronics STG4159 Datasheet HTML 8Page - STMicroelectronics STG4159 Datasheet HTML 9Page - STMicroelectronics STG4159 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
STG4159
6/18
3
Electrical characteristics
Table 6.
DC specifications
Symbol
Parameter
Test conditions
Value
Unit
VCC (V)
VL (V)
TA = 25°C
-40 to 85°C
Min. Typ. Max.
Min. Max.
VIH
High level input
voltage
1.65-4.3
1.65-1.95
1.25
1.25
V
2.3-2.7
1.75
1.75
3.0-3.6
2.35
2.35
4.3
2.8
2.8
VIL
Low level input
voltage
1.65-4.3
1.65-1.95
0.6
0.6
V
2.3-2.7
0.8
0.8
3.0-3.6
1.05
1.05
4.3
1.5
1.5
RON
ON resistance
1.8
1.65-4.3
VS=0V to VCC
IS=100mA
0.49
0.65
0.85
Ω
2.25
0.30
0.40
0.50
3
0.25
0.35
0.45
3.7
0.22
0.32
0.42
4.3
0.21
0.30
0.40
∆RON
ON resistance
match between
channels (1)
1.8
1.65-4.3
VS=0V to VCC
IS=100mA
5
m
Ω
2.25
3
33
3.7
3
4.3
3
RFLAT
ON resistance
flatness (2)
1.8
1.65 - 4.3
VS=0V to VCC
IS=100mA
300
400
450
m
Ω
2.5
130
170
230
3
90
120
170
3.7
90
120
170
4.3
90
120
170
IOFF
Sn OFF state
leakage current
1.65-4.3 1.65 - 4.3
VS=0 to VCC
VD=0 to VCC
-20
20
-300
300
nA
ION
Sn ON state
leakage current
1.65-4.3 1.65 - 4.3
VS=0 to VCC
VD=Open
-20
20
-100
100
nA
ID
D ON state
leakage current
1.65-4.3 1.65 - 4.3
VS=Open
VD=0 to VCC
-20
20
-100
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com