Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG4159 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STG4159
Description  Low voltage 0.3Ω max single SPDT switch with break-before-make feature and 10kV contact ESD protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4159 Datasheet(HTML) 5 Page - STMicroelectronics

  STG4159 Datasheet HTML 1Page - STMicroelectronics STG4159 Datasheet HTML 2Page - STMicroelectronics STG4159 Datasheet HTML 3Page - STMicroelectronics STG4159 Datasheet HTML 4Page - STMicroelectronics STG4159 Datasheet HTML 5Page - STMicroelectronics STG4159 Datasheet HTML 6Page - STMicroelectronics STG4159 Datasheet HTML 7Page - STMicroelectronics STG4159 Datasheet HTML 8Page - STMicroelectronics STG4159 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
STG4159
Maximum rating
5/18
2
Maximum rating
Stressing the device above the rating listed in the “Absolute maximum ratings” table may cause
permanent damage to the device. These are stress ratings only and operation of the device at
these or any other conditions above those indicated in the Operating sections of this
specification is not implied. Exposure to Absolute Maximum Rating conditions for extended
periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and
other relevant quality documents.
Table 5.
Recommended operating conditions
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
-0.5 to 5.5
V
VL
Logic supply voltage
-0.5 to 5.5
V
VI
DC input voltage
-0.5 to VCC + 0.5
V
VIC
DC control input voltage
-0.5 to VL + 0.5
V
VO
DC output voltage
-0.5 to VCC + 0.5
V
IIKC
DC input diode current on control pin (VSEL < 0V)
-50
mA
IIK
DC input diode current (VSEL < 0V)
±50
mA
IOK
DC output diode current
±20
mA
IO
DC output current
±300
mA
IOP
DC output current peak (pulse at 1ms, 10% duty cycle)
±500
mA
ICC or IGND DC VCC or ground current
±100
mA
PD
Power dissipation at TA = 70ºC
(1)
1.
Derate above 70ºC by 18.5mW/C
500
mW
Tstg
Storage temperature
-50 to 105
°C
TL
Lead temperature (10 sec)
260
°C
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
Truth Table guaranteed: 1.65V to 4.8V
1.65 to 4.8
V
VL
Logic supply voltage (2)
2.
VL pin should not be left floating.
1.65 to VCC
V
VI
Input voltage
0 to VCC
V
VIC
Control input voltage
0 to VL
V
VO
Output voltage
0 to VCC
V
Top
Operating temperature
-40 to 85
°C
dt/dv
Input rise and fall time control input
VL = 1.65V to 2.7V
0 to 20
ns/V
VL = 3.0V to 4.8V
0 to 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com