Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG4159 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STG4159
Description  Low voltage 0.3Ω max single SPDT switch with break-before-make feature and 10kV contact ESD protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4159 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STG4159 Datasheet HTML 4Page - STMicroelectronics STG4159 Datasheet HTML 5Page - STMicroelectronics STG4159 Datasheet HTML 6Page - STMicroelectronics STG4159 Datasheet HTML 7Page - STMicroelectronics STG4159 Datasheet HTML 8Page - STMicroelectronics STG4159 Datasheet HTML 9Page - STMicroelectronics STG4159 Datasheet HTML 10Page - STMicroelectronics STG4159 Datasheet HTML 11Page - STMicroelectronics STG4159 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Electrical characteristics
STG4159
8/18
Table 8.
Analog switch characteristics (CL = 5pF, RL = 50Ω, TA = 25°C)
Symbol
Parameter
Test conditions
Value
Unit
VCC (V)
VL (V)
TA = 25°C
-40 to 85°C
Min.
Typ.
Max.
Min.
Max.
OIRR
Off Isolation
(1)
1.65-4.3
4.3
VS = 1VRMS
f = 100kHz
-69
dB
Xtalk
Crosstalk
1.65-4.3
4.3
VS = 1VRMS
f = 100kHz
-69
dB
THD
Total
harmonic
distortion
2.3-4.3
4.3
RL = 600Ω
CL = 50pF
VS = VCC VPP
f = 600Hz to
20kHz
0.01
%
BW
-3dB
Bandwidth
(switch ON)
1.65-4.3
4.3
RL = 50Ω
28
MHz
CSEL
Control pin
input
capacitance
1.8-4.3
1.8-4.3
VL = VCC
30
pF
CSn
Sn port
capacitance
1.8-4.3
1.8-4.3
VL = VCC
94
CD
D port
capacitance
when switch
is enabled
1.8-4.3
1.8-4.3
VL = VCC
227
1.
OFF-isolation = 20 log10 (VD/VS), VD = output, VS = input to off switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com