Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG4159 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STG4159
Description  Low voltage 0.3Ω max single SPDT switch with break-before-make feature and 10kV contact ESD protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4159 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STG4159 Datasheet HTML 3Page - STMicroelectronics STG4159 Datasheet HTML 4Page - STMicroelectronics STG4159 Datasheet HTML 5Page - STMicroelectronics STG4159 Datasheet HTML 6Page - STMicroelectronics STG4159 Datasheet HTML 7Page - STMicroelectronics STG4159 Datasheet HTML 8Page - STMicroelectronics STG4159 Datasheet HTML 9Page - STMicroelectronics STG4159 Datasheet HTML 10Page - STMicroelectronics STG4159 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
STG4159
Electrical characteristics
7/18
Symbol
Parameter
Test conditions
Value
Unit
VCC (V)
VL (V)
TA = 25°C
-40 to 85°C
Min. Typ. Max.
Min. Max.
ICC
Quiescent
supply current
1.65-4.3 1.65 - 4.3
VSEL=VCC or
GND
-0.05
0.05
-0.2
0.2
µA
ISEL
SEL leakage
current
1.65-4.3 1.65 - 4.3
VSEL=4.3V or
GND
-0.1
0.1
-1
1
µA
1.
∆R
ON = RON(Max) - RON(Min)
2.
Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured
over the specified analog signal ranges.
Table 7.
AC electrical characteristics (CL = 35pF, RL = 50Ω, tr = tf ≤5ns)
Symbol
Parameter
Test conditions
Value
Unit
VCC (V)
VL (V)
TA = 25°C
-40 to 85°C
Min.
Typ.
Max.
Min.
Max.
tPLH,
tPHL
Propagation
delay
1.65-1.95
1.65-4.3
0.13
ns
2.3-2.7
0.15
3.0-3.3
0.16
3.6-4.3
0.16
tON
TURN-ON
time
1.65-1.95
1.65-4.3
VS = VCC
RL = 50Ω
CL = 30pF
95
123
160
ns
2.3-2.7
48
62
80
3-3.6
33
43
56
4.3
29
38
49
tOFF
TURN-OFF
time
1.65-1.95
1.65-4.3
VS = VCC
RL = 50Ω
CL = 30pF
12
15
20
ns
2.3-2.7
12
16
21
3-3.6
13
17
22
4.3
13
17
22
tD
Break-
before-make
time delay
1.65-1.95
1.65-4.3
CL = 35pF
RL = 50Ω
VS = VCC/2
10
42
ns
2.3-2.7
10
22
3-3.6
5
15
4.3
5
12
Q
Charge
injection
1.65-1.95
1.65-4.3
CL = 1nF
VGEN = 0V
83
pC
2.3-2.7
98
3.0-3.3
114
3.6-4.3
140
Table 6.
DC specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com