Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG4159 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STG4159
Description  Low voltage 0.3Ω max single SPDT switch with break-before-make feature and 10kV contact ESD protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4159 Datasheet(HTML) 1 Page - STMicroelectronics

  STG4159 Datasheet HTML 1Page - STMicroelectronics STG4159 Datasheet HTML 2Page - STMicroelectronics STG4159 Datasheet HTML 3Page - STMicroelectronics STG4159 Datasheet HTML 4Page - STMicroelectronics STG4159 Datasheet HTML 5Page - STMicroelectronics STG4159 Datasheet HTML 6Page - STMicroelectronics STG4159 Datasheet HTML 7Page - STMicroelectronics STG4159 Datasheet HTML 8Page - STMicroelectronics STG4159 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
April 2007
Rev 3
1/18
18
STG4159
Low voltage 0.3
Ω max single SPDT switch with
break-before-make feature and 10kV contact ESD protection
Features
■ Wide operating voltage range:
VCC (OPR) = 1.65V to 4.8V
■ Low power dissipation:
ICC = 0.2µA (max.) at TA = 85°C
■ Low "ON" resistance VIN = 0V:
–RON = 0.40Ω (max. TA = 25ºC) at
VCC = 2.25V
–RON = 0.35Ω (max. TA = 25ºC) at
VCC = 3.0V
–RON = 0.30Ω (max. TA = 25ºC) at
VCC = 4.3V
■ Separate supply voltage for switch and control
pin
■ Latch-up performance exceeds 100mA per
JESD 78, Class II
■ ESD performance tested on common channel
(D pin)
– 10kV IEC-61000-4-2 ESD, contact
discharge
– 15kV IEC-61000-4-2 ESD, air discharge
■ ESD performance test on all other pins
– 10kV IEC-61000-4-2 ESD, contact
discharge
– 500V machine model (JESD22 A115-A)
– 1500V charged-device model
(JESD22 C101)
Description
The STG4159 is a high-speed CMOS low voltage
single analog SPDT (Single Pole Dual Throw)
switch or 2:1 multiplexer/demultiplexer switch
fabricated in silicon gate C2MOS technology. It is
designed to operate from 1.65V to 4.58V, making
this device ideal for portable applications. It offers
low ON-resistance (0.45
Ω) at V
CC = 4.3V. The
SEL inputs are provided to control the switches.
The switch S1 is ON (connected to common Port
D) when the SEL input is held high and OFF
(high impedance state exists between the two
ports) when SEL is held low; the switch S2 is ON
(it is connected to common Port D) when the SEL
input is held low and OFF (high impedance state
exist between the two ports) when SEL is held
high.
Additional key features are fast switching speed,
break-before-make delay time and ultra low power
consumption. All inputs and outputs are equipped
with protection circuits against static discharge,
giving them ESD immunity and transient excess
voltage.
Flip-Chip7
www.st.com
Table 1.
Device summary
Part number
Package
Packaging
STG4159
Flip-Chip7
Tube
STG4159BJR
Flip-Chip7
Tape and reel


Similar Part No. - STG4159

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG4158 STMICROELECTRONICS-STG4158 Datasheet
435Kb / 21P
Low voltage 0.6 Ω typ single SPDT switch with break-before-make feature and 15 kV ESD protection
12-Nov-2007
STG4158BJR STMICROELECTRONICS-STG4158BJR Datasheet
435Kb / 21P
Low voltage 0.6 Ω typ single SPDT switch with break-before-make feature and 15 kV ESD protection
12-Nov-2007
More results

Similar Description - STG4159

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3699 STMICROELECTRONICS-STG3699 Datasheet
274Kb / 12P
LOW VOLTAGE 0.5ΩMAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
14-May-2004
STG3690 STMICROELECTRONICS-STG3690 Datasheet
171Kb / 11P
LOW VOLTAGE 5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Jan-2004
STG3684 STMICROELECTRONICS-STG3684 Datasheet
256Kb / 11P
LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
18-May-2004
STG3699A STMICROELECTRONICS-STG3699A Datasheet
525Kb / 11P
LOW VOLTAGE 0.5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
23-Mar-2005
STG3685 STMICROELECTRONICS-STG3685 Datasheet
498Kb / 10P
LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH, SINGLE ENABLE WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3699B STMICROELECTRONICS-STG3699B Datasheet
264Kb / 19P
Low Voltage 0.5ohm Max, Quad SPDT Switch with break-before-make feature
17-Feb-2006
STG3155 STMICROELECTRONICS-STG3155 Datasheet
383Kb / 18P
Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
25-May-2007
STG3159 STMICROELECTRONICS-STG3159 Datasheet
386Kb / 18P
Low voltage 1Ω max single SPDT switch with break-before-make feature
06-Dec-2006
STG4259 STMICROELECTRONICS-STG4259 Datasheet
311Kb / 19P
Low voltage 0.3Ω max dual SPDT switch with break-before-make feature and 15KV ESD protection
28-Aug-2007
STG4160 STMICROELECTRONICS-STG4160 Datasheet
711Kb / 19P
Low voltage 0.5 single SPDT switch with break-before-make feature and 15 kV contact ESD protection
15-May-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com