Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG4159 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STG4159
Description  Low voltage 0.3Ω max single SPDT switch with break-before-make feature and 10kV contact ESD protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4159 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STG4159 Datasheet HTML 8Page - STMicroelectronics STG4159 Datasheet HTML 9Page - STMicroelectronics STG4159 Datasheet HTML 10Page - STMicroelectronics STG4159 Datasheet HTML 11Page - STMicroelectronics STG4159 Datasheet HTML 12Page - STMicroelectronics STG4159 Datasheet HTML 13Page - STMicroelectronics STG4159 Datasheet HTML 14Page - STMicroelectronics STG4159 Datasheet HTML 15Page - STMicroelectronics STG4159 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Package mechanical data
STG4159
12/18
5
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages.
These packages have a Lead-free second level interconnect. The category of second Level
Interconnect is marked on the package and on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at:
www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com