Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG4259 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STG4259
Description  Low voltage 0.3Ω max dual SPDT switch with break-before-make feature and 15KV ESD protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4259 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STG4259 Datasheet HTML 4Page - STMicroelectronics STG4259 Datasheet HTML 5Page - STMicroelectronics STG4259 Datasheet HTML 6Page - STMicroelectronics STG4259 Datasheet HTML 7Page - STMicroelectronics STG4259 Datasheet HTML 8Page - STMicroelectronics STG4259 Datasheet HTML 9Page - STMicroelectronics STG4259 Datasheet HTML 10Page - STMicroelectronics STG4259 Datasheet HTML 11Page - STMicroelectronics STG4259 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical characteristics
STG4259
8/19
)
ID
D ON state
leakage
current
1.65 -
4.8
1.65 - 4.8
VS =open
VD =0 to
VCC
-20
20
-100
100
nA
ICC
Quiescent
supply current
1.65-
4.8
1.65 - 4.8
VSEL= VCC
or GND
-
0.05
0.05
-0.2
0.2
μA
ISEL
SEL leakage
current
1.65-
4.8
1.65 - 4.8
VSEL= 4.3V
or GND
-0.1
0.1
-1
1
μA
1.
ΔRON =RON(Max) -RON(Min)
2.
Flatness is defined as the difference between the maximum and minimum value of on resistance as
measured over the specified analog signal ranges.
Table 7.
AC electrical characteristics (CL =35pF, RL =50 Ω, tr =tf ≤5ns)
Symbol
Parameter
Test conditions
Value
Uni
t
VCC
(V)
VL
(V)
TA = 25°C
-40 to 85°C
Min
Typ
Max
Min
Max
tPLH,
tPHL
Propagation
delay
1.65 -
1.95
1.65 -
4.8
0.13
ns
2.3 - 2.7
0.15
3.0 - 3.3
0.16
3.6 - 4.3
0.16
tON
Turn-ON
time
1.65 -
1.95
1.65 -
4.8
VS = VCC
RL =50 Ω
CL =30pF
95
123
95
ns
2.3 - 2.7
48
62
70
3-3.6
33
43
55
4.3
29
38
40
tOFF
Turn-OFF
time
1.65 -
1.95
1.65 -
4.8
VS =VCC
RL =50 Ω
CL =30pF
12
15
70
ns
2.3 - 2.7
12
16
55
3-3.6
13
17
40
4.3
13
17
35
tD
Break-
before-make
time delay
1.65 -
1.95
1.65 -
4.8
CL =35pF
RL =50 Ω
VS =VCC/2
10
66
ns
2.3 - 2.7
10
28
3-3.6
10
18
4.3
10
12
Q
Charge
injection
1.65-
1.95
1.65-
4.8
CL = 1nF
VGEN = 0V
86
pC
2.3-2.7
95
3.0-3.3
98
3.6-4.3
103
Table 6.
DC specifications (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com