Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG4259 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STG4259
Description  Low voltage 0.3Ω max dual SPDT switch with break-before-make feature and 15KV ESD protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4259 Datasheet(HTML) 4 Page - STMicroelectronics

  STG4259 Datasheet HTML 1Page - STMicroelectronics STG4259 Datasheet HTML 2Page - STMicroelectronics STG4259 Datasheet HTML 3Page - STMicroelectronics STG4259 Datasheet HTML 4Page - STMicroelectronics STG4259 Datasheet HTML 5Page - STMicroelectronics STG4259 Datasheet HTML 6Page - STMicroelectronics STG4259 Datasheet HTML 7Page - STMicroelectronics STG4259 Datasheet HTML 8Page - STMicroelectronics STG4259 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Logic diagram and pin-out information
STG4259
4/19
Figure 3.
Pin connection (bump side view)
Table 3.
Pin description
Flip-Chip11
Symbol
Name and function
4, 10,
6, 12
1S1, 1S2,
2S1, 2S2
Independent channels
9, 7
D1, D2
Common channels
3, 1
SEL1, SEL2
Control
11
VCC
Positive supply voltage
2VL
Logic supply voltage
5
GND
Ground (0V)
Flip-Chip11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com