Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG4259 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STG4259
Description  Low voltage 0.3Ω max dual SPDT switch with break-before-make feature and 15KV ESD protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4259 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STG4259 Datasheet HTML 9Page - STMicroelectronics STG4259 Datasheet HTML 10Page - STMicroelectronics STG4259 Datasheet HTML 11Page - STMicroelectronics STG4259 Datasheet HTML 12Page - STMicroelectronics STG4259 Datasheet HTML 13Page - STMicroelectronics STG4259 Datasheet HTML 14Page - STMicroelectronics STG4259 Datasheet HTML 15Page - STMicroelectronics STG4259 Datasheet HTML 16Page - STMicroelectronics STG4259 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
STG4259
Package mechanical data
13/19
5
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 13.
Flip-Chip11 package outline
1.
Drawing not to scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com