Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG4259 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STG4259
Description  Low voltage 0.3Ω max dual SPDT switch with break-before-make feature and 15KV ESD protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4259 Datasheet(HTML) 1 Page - STMicroelectronics

  STG4259 Datasheet HTML 1Page - STMicroelectronics STG4259 Datasheet HTML 2Page - STMicroelectronics STG4259 Datasheet HTML 3Page - STMicroelectronics STG4259 Datasheet HTML 4Page - STMicroelectronics STG4259 Datasheet HTML 5Page - STMicroelectronics STG4259 Datasheet HTML 6Page - STMicroelectronics STG4259 Datasheet HTML 7Page - STMicroelectronics STG4259 Datasheet HTML 8Page - STMicroelectronics STG4259 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
August 2007
Rev 4
1/19
STG4259
Low voltage 0.3
Ω max dual SPDT switch
with break-before-make feature and 15KV ESD protection
Features
■ Wide operating voltage range:
VCC (Opr) = 1.65 V to 4.8 V
■ Low power dissipation:
ICC = 0.2 µA (max) at TA = 85°C
■ Low ON resistance VIN =0V:
–RON =0.4 Ω (max TA =25ºC) at
VCC =2.25V
–RON =0.35 Ω (max TA =25ºC) at
VCC =3.0 V
–RON =0.30 Ω (max TA =25ºC) at
VCC =4.3 V
■ Separate supply voltage for switch and control
pin
■ Separate control pin for each switch
■ Latch-up performance exceeds 100 mA per
JESD 78, class II
■ ESD performance tested on common channels
(D1 and D2 pins)
– 9 kV IEC-61000-4-2 ESD, contact
discharge
– 15 kV IEC-61000-4-2 ESD, air gap
discharge
■ ESD performance tested on all other pins
– 8 kV IEC-61000-4-2 ESD, contact
discharge
– 500 V machine model (JESD22 A115-A)
– 1500 V charged-device model (JESD22
C101)
– 8 kV IEC-61000-4-2 ESD, air gap
discharge
Table 1.
Device summary
Description
The STG4259 is a high-speed CMOS low voltage
dual analog SPDT (single pole dual throw) switch
or 2:1 multiplexer/ demultiplexer switch fabricated
in silicon gate C2MOS technology. It is designed
to operate from 1.65 V to 4.8 V, making this device
ideal for portable applications. It offers low ON
resistance (0.30
Ω) at VCC = 4.3 V. The SEL
inputs are provided to control the switches.
The switch S1 is ON (connected to common port
D) when the SEL input is held high and OFF (high
impedance state exists between the two ports)
when SEL is held low; the switch S2 is ON (it is
connected to common port D) when the SEL input
is held low and OFF (high impedance state exist
between the two ports) when SEL is held high.
Additional key features are fast switching speed,
break-before-make delay time and ultra low power
consumption. All inputs and outputs are equipped
with protection circuits against static discharge,
giving them ESD immunity and transient excess
voltage.
Flip-Chip11
Order code
Package
Packing
STG4259BJR
Flip-Chip11
Tape and Reel
www.st.com


Similar Part No. - STG4259

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG4210 STMICROELECTRONICS-STG4210 Datasheet
409Kb / 21P
Low voltage 1 Ω dual SPST analog switch
26-Aug-2008
STG4210QTR STMICROELECTRONICS-STG4210QTR Datasheet
409Kb / 21P
Low voltage 1 Ω dual SPST analog switch
26-Aug-2008
STG4260 STMICROELECTRONICS-STG4260 Datasheet
466Kb / 19P
Low voltage 0.5 Ω dual SPDT switch with break-before-make feature and 15 kV ESD protection
20-Apr-2009
STG4260BJR STMICROELECTRONICS-STG4260BJR Datasheet
466Kb / 19P
Low voltage 0.5 Ω dual SPDT switch with break-before-make feature and 15 kV ESD protection
20-Apr-2009
More results

Similar Description - STG4259

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3699 STMICROELECTRONICS-STG3699 Datasheet
274Kb / 12P
LOW VOLTAGE 0.5ΩMAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
14-May-2004
STG3680 STMICROELECTRONICS-STG3680 Datasheet
260Kb / 11P
LOW VOLTAGE 0.5/0.8ΩMAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
May 2004 Rev. 3
STG3690 STMICROELECTRONICS-STG3690 Datasheet
171Kb / 11P
LOW VOLTAGE 5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Jan-2004
STG3684 STMICROELECTRONICS-STG3684 Datasheet
256Kb / 11P
LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
18-May-2004
STG3699A STMICROELECTRONICS-STG3699A Datasheet
525Kb / 11P
LOW VOLTAGE 0.5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
23-Mar-2005
STG3699B STMICROELECTRONICS-STG3699B Datasheet
264Kb / 19P
Low Voltage 0.5ohm Max, Quad SPDT Switch with break-before-make feature
17-Feb-2006
STG3680 STMICROELECTRONICS-STG3680_05 Datasheet
531Kb / 11P
LOW VOLTAGE 0.5/0.8Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3689 STMICROELECTRONICS-STG3689 Datasheet
200Kb / 16P
Low Voltage 0.9Ω max dual SPDT Switch with break-before-make feature
01-Aug-2006
STG4159 STMICROELECTRONICS-STG4159 Datasheet
589Kb / 18P
Low voltage 0.3Ω max single SPDT switch with break-before-make feature and 10kV contact ESD protection
17-Apr-2007
STG3684 STMICROELECTRONICS-STG3684_05 Datasheet
562Kb / 11P
LOW VOLTAGE 0.5Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com