Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG4259 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STG4259
Description  Low voltage 0.3Ω max dual SPDT switch with break-before-make feature and 15KV ESD protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4259 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STG4259 Datasheet HTML 5Page - STMicroelectronics STG4259 Datasheet HTML 6Page - STMicroelectronics STG4259 Datasheet HTML 7Page - STMicroelectronics STG4259 Datasheet HTML 8Page - STMicroelectronics STG4259 Datasheet HTML 9Page - STMicroelectronics STG4259 Datasheet HTML 10Page - STMicroelectronics STG4259 Datasheet HTML 11Page - STMicroelectronics STG4259 Datasheet HTML 12Page - STMicroelectronics STG4259 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
STG4259
Electrical characteristics
9/19
)
Table 8.
Analog switch characteristics (CL = 5pF, RL = 50Ω, TA = 25°C)
Symbol
Parameter
Test conditions
Value
Unit
VCC
(V)
VL
(V)
TA = 25°C
-40 to 85°C
Min
Typ
Max
Min
Max
OIRR
OFF
isolation (1)
1.
OFF-isolation = 20 log10 (VD/VS), VD = output, VS = input to off switch
1.65 -
4.3
4.3
VS =1VRMS
f = 100kHz
-71
dB
Xtalk
Crosstalk
1.6 - 4.3
4.3
VS =1VRMS
f = 100 kHz
-93
dB
THD
Total
harmonic
distortion
2.3 - 4.3
4.3
RL = 600 Ω
CL = 50 pF
VS =VCC VPP
f = 600Hz to
20 kHz
0.01
%
BW
-3dB
bandwidth
(switch ON)
1.65 -
4.3
4.3
RL =50Ω
40
MHz
CSEL
Control pin
input
capacitance
1.8 - 4.3
1.8 -
4.3
VL =VCC
30
pF
CSn
Sn port
capacitance
1.8 - 4.3
1.8 -
4.3
VL =VCC
95
pF
CD
D port
capacitance
when switch
is enabled
1.8 - 4.3
1.8 -
4.3
VL =VCC
230
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com