Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG4259 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STG4259
Description  Low voltage 0.3Ω max dual SPDT switch with break-before-make feature and 15KV ESD protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4259 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STG4259 Datasheet HTML 10Page - STMicroelectronics STG4259 Datasheet HTML 11Page - STMicroelectronics STG4259 Datasheet HTML 12Page - STMicroelectronics STG4259 Datasheet HTML 13Page - STMicroelectronics STG4259 Datasheet HTML 14Page - STMicroelectronics STG4259 Datasheet HTML 15Page - STMicroelectronics STG4259 Datasheet HTML 16Page - STMicroelectronics STG4259 Datasheet HTML 17Page - STMicroelectronics STG4259 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Package mechanical data
STG4259
14/19
The terminal A1 on the bumps side is identified by a distinguishing feature (for instance by a circular “clear
area” - typically 0.1 mm diameter) and/or a missing bump. The terminal A1 on the backside of the product
is identified by a distinguishing feature (for instance by a circular “dot” - typically 0.5 mm diameter).
Figure 14.
Foot print recommendations
Table 9.
Flip-Chip11 mechanical data
Dim.
Data book (mm)
Drawing (mm)
Min
Typ
Max
Min
Typ
Max
A
0.585
0.65
0.715
0.60
0.65
0.70
A1
0.21
0.25
0.29
0.22
0.25
0.28
A2
0.4
0.38
0.4
0.42
b
0.265
0.315
0.365
0.290
0.315
0.340
D
1.518
1.568
1.618
1.553
1.568
1.583
D1
1
0.99
1
1.01
E
2.018
2.068
2.118
2.083
2.068
2.118
E1
1.5
1.49
1.5
1.51
e
0.45
0.5
0.55
0.46
0.5
0.54
f
0.284
0.272
0.284
0.292
ccc
0.08
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com