Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG5123 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STG5123
Description  Low voltage 1 Ω single SPDT switch with break-before-make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG5123 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STG5123 Datasheet HTML 2Page - STMicroelectronics STG5123 Datasheet HTML 3Page - STMicroelectronics STG5123 Datasheet HTML 4Page - STMicroelectronics STG5123 Datasheet HTML 5Page - STMicroelectronics STG5123 Datasheet HTML 6Page - STMicroelectronics STG5123 Datasheet HTML 7Page - STMicroelectronics STG5123 Datasheet HTML 8Page - STMicroelectronics STG5123 Datasheet HTML 9Page - STMicroelectronics STG5123 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
STG5123
6/18
3.2
AC electrical characteristics
Symbol
Parameter
VCC
(V)
Test
conditions
Value
Unit
TA = 25 °C
-40 to 85 °C
Min
Typ
Max
Min
Max
ICCLV
Quiescent
supply current
low voltage
driving
4.3
VSEL = 1.65 V
±17
±35
±70
μA
4.3
VSEL = 1.80 V
±15
±30
±60
4.3
VSEL =2.60V
±5
±10
±20
1.
ΔR
ON = RON(Max) - RON(Min)
2.
Flatness is defined as the difference between the maximum and minimum value of ON resistance as measured over the
specified analog signal ranges.
Table 5.
DC specifications (continued)
Table 6.
AC electrical characteristics (CL =35pF, RL =50 Ω, tr =tf ≤5ns)
Symbol
Parameter
VCC
(V)
Test
conditions
Value
Unit
TA = 25 °C
– 40 to 85 °C
Min
Typ
Max
Min
Max
tPLH, tPHL Propagation delay
1.65 – 1.95
0.15
ns
2.3 – 2.7
0.14
3.0 – 3.3
0.13
3.6 – 5.0
0.13
tON
Turn-ON time
1.65 – 1.95
VS =0.8 V
36
ns
2.3–2.7
VS =1.5 V
31
40
45
3.0 – 3.3
24
31
40
3.6 – 5.0
21
28
32
tOFF
Turn-OFF time
1.65 – 1.95
VS =0.8
29
ns
2.3–2.7
VS =1.5 V
17
27
37
3.0 – 3.3
12
23
33
3.6 – 5.0
11
21
31
tD
Break-before-
make time delay
1.65 – 1.95
CL =35pF
RL =50 Ω
VS =1.5 V
15
ns
2.3 – 2.7
10
3.0–3.3
8
3.6–5.0
6
Q
Charge injection
1.65
CL = 100pF
VGEN =0V
RGEN =0 Ω
16
pC
2.3
22
326
5.0
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com