Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG5123 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STG5123
Description  Low voltage 1 Ω single SPDT switch with break-before-make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG5123 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STG5123 Datasheet HTML 8Page - STMicroelectronics STG5123 Datasheet HTML 9Page - STMicroelectronics STG5123 Datasheet HTML 10Page - STMicroelectronics STG5123 Datasheet HTML 11Page - STMicroelectronics STG5123 Datasheet HTML 12Page - STMicroelectronics STG5123 Datasheet HTML 13Page - STMicroelectronics STG5123 Datasheet HTML 14Page - STMicroelectronics STG5123 Datasheet HTML 15Page - STMicroelectronics STG5123 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Package mechanical data
STG5123
12/18
5
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 12.
DFN6L (1.2 x 1mm) package outline
1.
Drawing not to scale.
7899067



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com