Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG5123 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STG5123
Description  Low voltage 1 Ω single SPDT switch with break-before-make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG5123 Datasheet(HTML) 5 Page - STMicroelectronics

  STG5123 Datasheet HTML 1Page - STMicroelectronics STG5123 Datasheet HTML 2Page - STMicroelectronics STG5123 Datasheet HTML 3Page - STMicroelectronics STG5123 Datasheet HTML 4Page - STMicroelectronics STG5123 Datasheet HTML 5Page - STMicroelectronics STG5123 Datasheet HTML 6Page - STMicroelectronics STG5123 Datasheet HTML 7Page - STMicroelectronics STG5123 Datasheet HTML 8Page - STMicroelectronics STG5123 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
STG5123
Electrical characteristics
5/18
3
Electrical characteristics
3.1
DC electrical characteristics
Table 5.
DC specifications
Symbol
Parameter
VCC
(V)
Test condition
Value
Unit
TA = 25 °C
-40 to 85 °C
Min
Typ
Max
Min
Max
VIH
High level
input voltage
1.65–1.95
0.65VCC
0.65 VCC
V
2.3 – 2.5
1.2
1.2
2.7 – 3.0
1.3
1.3
3.3 – 3.6
1.4
1.4
4.5
1.6
1.6
VIL
Low level input
voltage
1.65 – 1.95
0.40
0.40
V
2.3 – 2.5
0.60
0.60
2.7 – 3.0
0.60
0.60
3.3 – 3.6
0.60
0.60
4.5
0.80
0.80
RON
Switch ON
resistance
1.8
VS = 0 V to VCC
IS = 100 mA
2.0
3.0
3.5
Ω
2.7
1.3
1.6
1.8
3.0
1.2
1.5
1.7
4.5
1.0
1.2
1.4
ΔRON
ON resistance
match
between
channels (1)
1.8
VS at RON max
IS = 100 mA
0.06
Ω
2.7
0.05
3.0
0.05
4.5
0.05
RFLAT
ON resistance
flatness (2)
1.8
VS = 0 V to VCC
IS = 100 mA
1.0
1.5
1.5
Ω
2.7
0.45
0.60
0.70
3.0
0.43
0.50
0.60
4.5
0.39
0.50
0.60
IOFF
OFF state
leakage
current (SN),
(D)
4.3
VS = 0.3 or 4 V
±20
±100
nA
IIN
Input leakage
current
0 – 5.0
VSEL =0 to
4.5 V
±0.1
±1
μA
ICC
Quiescent
supply current
1.65 – 5.0
VSEL =VCC or
GND
±0.05
±0.2
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com