Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG5123 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STG5123
Description  Low voltage 1 Ω single SPDT switch with break-before-make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG5123 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STG5123 Datasheet HTML 3Page - STMicroelectronics STG5123 Datasheet HTML 4Page - STMicroelectronics STG5123 Datasheet HTML 5Page - STMicroelectronics STG5123 Datasheet HTML 6Page - STMicroelectronics STG5123 Datasheet HTML 7Page - STMicroelectronics STG5123 Datasheet HTML 8Page - STMicroelectronics STG5123 Datasheet HTML 9Page - STMicroelectronics STG5123 Datasheet HTML 10Page - STMicroelectronics STG5123 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
STG5123
Electrical characteristics
7/18
3.3
Analog switch characteristics
Table 7.
Analog switch characteristics (CL =5pF, RL =50 Ω, TA =25°C)
Symbol
Parameter
VCC
(V)
Test
conditions
Value
Unit
TA = 25 °C
-40 to 85 °C
Min
Typ
Max
Min
Max
OIRR
Off isolation (1)
1.
OFF isolation = 20Log10 (VD/VS), VD = output. VS = input to OFF switch.
1.65–5.0
VS =1VRMS
f=100kHz
–75
dB
Xtalk
Crosstalk
1.6 – 5.0
VS = 1 VRMS
f = 100 kHz
–80
dB
THD
Total harmonic
distortion
2.3–5.0
RL =600 Ω
VS =2VPP
f=20 Hz to
20 kHz
0.03
%
BW
-3dB
bandwidth
1.65–5.0
RL =50 Ω
150
MHz
CIN
Control pin
input
capacitance
6
pF
CON
Sn port
capacitance
when switch is
enabled
3.3
f = 1 MHz
52
COFF
Sn port
capacitance
when switch is
disabled
3.3
f = 1 MHz
25
CD
D port
capacitance
when switch is
enabled
3.3
f = 1 MHz
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com