Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG5123 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STG5123
Description  Low voltage 1 Ω single SPDT switch with break-before-make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG5123 Datasheet(HTML) 3 Page - STMicroelectronics

  STG5123 Datasheet HTML 1Page - STMicroelectronics STG5123 Datasheet HTML 2Page - STMicroelectronics STG5123 Datasheet HTML 3Page - STMicroelectronics STG5123 Datasheet HTML 4Page - STMicroelectronics STG5123 Datasheet HTML 5Page - STMicroelectronics STG5123 Datasheet HTML 6Page - STMicroelectronics STG5123 Datasheet HTML 7Page - STMicroelectronics STG5123 Datasheet HTML 8Page - STMicroelectronics STG5123 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
STG5123
Pin connections and functions
3/18
1
Pin connections and functions
Figure 1.
Pin connections (top through view)
Figure 2.
Input equivalent circuit
Table 2.
Pin descriptions
Pin number
Symbol
Name and function
4
S1
Independent channel
6
S2
Independent channel
1
D
Common channels
3
SEL
Control
2VCC
Positive supply voltage
5
GND
Ground (0V)
Table 2.
Truth table
Sel
Switch S1
Switch S2
HON
OFF (1)
LOFF (1)
1.
High impedance
ON
DFN6L
1
2
3
6
5
4
D
V
CC
SEL
S2
GND
S1
S2
S1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com