Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG5123 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STG5123
Description  Low voltage 1 Ω single SPDT switch with break-before-make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG5123 Datasheet(HTML) 1 Page - STMicroelectronics

  STG5123 Datasheet HTML 1Page - STMicroelectronics STG5123 Datasheet HTML 2Page - STMicroelectronics STG5123 Datasheet HTML 3Page - STMicroelectronics STG5123 Datasheet HTML 4Page - STMicroelectronics STG5123 Datasheet HTML 5Page - STMicroelectronics STG5123 Datasheet HTML 6Page - STMicroelectronics STG5123 Datasheet HTML 7Page - STMicroelectronics STG5123 Datasheet HTML 8Page - STMicroelectronics STG5123 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
October 2007
Rev 1
1/18
18
STG5123
Low voltage 1
Ω single SPDT switch
with break-before-make feature
Features
■ High speed:
–tPD = 130 ps (typ.) at VCC =3.0 V
–tPD = 140 ps (typ.) at VCC =2.3 V
■ Ultra low power dissipation:
–ICC = 0.2 µA (max.) at TA = 85 °C
■ Low ON resistance:
–RON =1.0 Ω (Typ.)
at VCC =4.5 V
–RON =1.2 Ω (Typ.)
at VCC =3.0 V
–RON =2.0 Ω (Typ.)
at VCC =1.8 V
■ Wide operating voltage range:
–VCC (opr) = 1.65 to 4.5 V single supply
■ 5 V tolerant and 1.8 V compatible threshold on
digital control input at VCC = 1.65 to 4.5 V
■ Latch-up performance exceeds 200 mA per
JESD 78, Class II
■ ESD performance tested per JESD22
– 2000 V human-body model
(A114-B, Class II)
– 200 V machine model (A115-A)
– 1000 V charged-device model (C101)
Description
The STG5123 is a high-speed CMOS low voltage
single analog SPDT (single-pole dual-throw)
switch or 2:1 multiplexer/demultiplexer switch
fabricated using silicon gate C2MOS technology.
Designed to operate from 1.65 to 4.5 V, this
device is ideal for portable applications.
The device offers very low ON resistance (1
Ω) at
VCC = 4.5 V. The switch S1 is ON (connected to
common ports Dn) when the SEL input is held
high and OFF (state of high impedance state
exists between the two ports) when SEL is held
low. The switch S2 is ON (connected to common
port D) when the SEL input is held low and OFF
(state of high impedance state exists between the
two ports) when SEL is held high.
Additional key features are fast switching speed,
break-before-make delay time and ultra low power
consumption. All inputs and outputs are equipped
with protection circuits against static discharge,
giving them ESD and transient excess voltage
immunity.
DFN6L
Table 1.
Device summary
Order code
Package
Packaging
STG5123DTR
DFN6L (1.2 x 1 mm)
Tape and reel
www.st.com


Similar Part No. - STG5123

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG50M120F3D7 STMICROELECTRONICS-STG50M120F3D7 Datasheet
243Kb / 10P
Trench gate field-stop 1200 V, 50 A low-loss M series IGBT die in D7 packing
17-Aug-2022
STG5223 STMICROELECTRONICS-STG5223 Datasheet
328Kb / 19P
Low voltage 0.5 Ω dual SPDT switch with break-before-make
10-Jan-2008
STG5223QTR STMICROELECTRONICS-STG5223QTR Datasheet
328Kb / 19P
Low voltage 0.5 Ω dual SPDT switch with break-before-make
10-Jan-2008
STG5678 STMICROELECTRONICS-STG5678 Datasheet
588Kb / 23P
Low voltage dual SPDT switch with negative rail capability
04-Jun-2010
STG5678BJR STMICROELECTRONICS-STG5678BJR Datasheet
588Kb / 23P
Low voltage dual SPDT switch with negative rail capability
04-Jun-2010
More results

Similar Description - STG5123

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3157 STMICROELECTRONICS-STG3157 Datasheet
245Kb / 10P
LOW VOLTAGE LOW ON RESISTANCE SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Sep-2002
STG3699 STMICROELECTRONICS-STG3699 Datasheet
274Kb / 12P
LOW VOLTAGE 0.5ΩMAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
14-May-2004
STG3690 STMICROELECTRONICS-STG3690 Datasheet
171Kb / 11P
LOW VOLTAGE 5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Jan-2004
STG3684 STMICROELECTRONICS-STG3684 Datasheet
256Kb / 11P
LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
18-May-2004
STG3699A STMICROELECTRONICS-STG3699A Datasheet
525Kb / 11P
LOW VOLTAGE 0.5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
23-Mar-2005
STG3685 STMICROELECTRONICS-STG3685 Datasheet
498Kb / 10P
LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH, SINGLE ENABLE WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3699B STMICROELECTRONICS-STG3699B Datasheet
264Kb / 19P
Low Voltage 0.5ohm Max, Quad SPDT Switch with break-before-make feature
17-Feb-2006
STG3155 STMICROELECTRONICS-STG3155 Datasheet
383Kb / 18P
Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
25-May-2007
STG3159 STMICROELECTRONICS-STG3159 Datasheet
386Kb / 18P
Low voltage 1Ω max single SPDT switch with break-before-make feature
06-Dec-2006
STG3157 STMICROELECTRONICS-STG3157_10 Datasheet
359Kb / 18P
Low voltage low on-resistance SPDT switch with break-before-make feature
19-Apr-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com