Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS48F4400PCZ00 Datasheet(PDF) 47 Page - Numonyx B.V

Part # JS48F4400PCZ00
Description  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400PCZ00 Datasheet(HTML) 47 Page - Numonyx B.V

Back Button JS48F4400PCZ00 Datasheet HTML 43Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 44Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 45Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 46Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 47Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 48Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 49Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 50Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 51Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 102 page
background image
November 2007
Datasheet
Order Number: 290701-18
47
Numonyx™ Wireless Flash Memory (W18)
will not occur because the flash memory may be providing status information instead of
array data. To allow proper CPU/flash initialization at system reset, connect RST# to
the system CPU RESET# signal.
System designers must guard against spurious writes when VCC voltages are above
VLKO. Because both WE# and CE# must be low for a command write, driving either
signal to VIH inhibits writes to the device. The CUI architecture provides additional
protection because alteration of memory contents can only occur after successful
completion of the two-step command sequences. The device is also disabled until RST#
is brought to VIH, regardless of its control input states. By holding the device in reset
(RST# connected to system PowerGood) during power-up/down, invalid bus conditions
during power-up can be masked, providing yet another level of memory protection.
8.4.2
VCC, VPP, and RST# Transitions
The CUI latches commands issued by system software and is not altered by VPP or CE#
transitions or WSM actions. Read-array mode is its power-up default state after exit
from reset mode or after VCC transitions above VLKO (Lockout voltage). After
completing program or block erase operations (even after VPP transitions below VPPLK),
the Read Array command must reset the CUI to read-array mode if flash memory array
access is desired.
8.5
Power Supply Decoupling
When the device is accessed, many internal conditions change. Circuits are enabled to
charge pumps and switch voltages. This internal activity produces transient noise. To
minimize the effect of this transient noise, device decoupling capacitors are required.
Transient current magnitudes depend on the device outputs’ capacitive and inductive
loading. Two-line control and proper decoupling capacitor selection suppresses these
transient voltage peaks. Each flash device should have a 0.1 µF ceramic capacitor
connected between each power (VCC, VCCQ, VPP), and ground (VSS, VSSQ) signal.
High-frequency, inherently low-inductance capacitors should be as close as possible to
package signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com