Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS48F4400PCZ00 Datasheet(PDF) 26 Page - Numonyx B.V

Part # JS48F4400PCZ00
Description  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400PCZ00 Datasheet(HTML) 26 Page - Numonyx B.V

Back Button JS48F4400PCZ00 Datasheet HTML 22Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 23Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 24Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 25Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 26Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 27Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 28Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 29Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 30Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
26
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
7.0
AC Characteristics
Table 13: Read Operations — 90 nm (Sheet 1 of 2)
#
Symbol
Parameter (1,2)
VCCQ=
1.7 V – 1.95 V
Unit
Notes
Min
Max
Asynchronous Specifications
R1
tAVAV
Read Cycle Time
60
-ns
7,8
R2
tAVQV
Address to Output Valid
-
60
ns
7,8
R3
tELQV
CE# Low to Output Valid
-
60
ns
7,8
R4
tGLQV
OE# Low to Output Valid
-
20
ns
4
R5
tPHQV
RST# High to Output Valid
-
150
ns
R6
tELQX
CE# Low to Output Low-Z
0
-
ns
5
R7
tGLQX
OE# Low to Output Low-Z
0
-
ns
4,5
R8
tEHQZ
CE# High to Output High-Z
-
14
ns
5
R9
tGHQZ
OE# High to Output High-Z
-
14
ns
4,5
R10
tOH
CE# (OE#) High to Output Low-Z
0
-
ns
4,5
R11
tEHEL
CE# Pulse Width High
14
-
ns
6
R12
tELTV
CE# Low to WAIT Valid
-
11
ns
6
R13
tEHTZ
CE# High to WAIT High-Z
-
11
ns
5,6
Latching Specifications
R101
tAVVH
Address Setup to ADV# High
7
-
ns
R102
tELVH
CE# Low to ADV# High
10
-
ns
R103
tVLQV
ADV# Low to Output Valid
-
60
ns
7,8
R104
tVLVH
ADV# Pulse Width Low
7
-
ns
R105
tVHVL
ADV# Pulse Width High
7
-
ns
R106
tVHAX
Address Hold from ADV# High
7
-
ns
3
R108
tAPA
Page Address Access Time
-
20
ns
Clock Specifications
R200
fCLK
CLK Frequency
-
66
MHz
R201
tCLK
CLK Period
15
-
ns
R202
tCH/L
CLK High or Low Time
3.5
-
ns
R203
tCHCL
CLK Fall or Rise Time
-
3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com