Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS48F4400PCZ00 Datasheet(PDF) 73 Page - Numonyx B.V

Part # JS48F4400PCZ00
Description  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400PCZ00 Datasheet(HTML) 73 Page - Numonyx B.V

Back Button JS48F4400PCZ00 Datasheet HTML 69Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 70Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 71Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 72Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 73Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 74Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 75Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 76Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 77Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 102 page
background image
November 2007
Datasheet
Order Number: 290701-18
73
Numonyx™ Wireless Flash Memory (W18)
13.1.4
Block Lock Status
Every block’s lock status can be read in read identifier mode. To enter this mode, issue
the Read Identifier command to the device. Subsequent reads at BBA + 02h will output
that block’s lock status. For example, to read the block lock status of block 10, the
address sent to the device should be 50002h (for a top-parameter device). The lowest
two data bits of the read data, DQ1 and DQ0, represent the lock status. DQ0 indicates
the block lock status. It is set by the Lock Block command and cleared by the Block
Unlock command. It is also set when entering the lock-down state. DQ1 indicates lock-
down status and is set by the Lock-Down command. The lock-down status bit cannot be
cleared by software–only by device reset or power-down. See Table 28.
13.1.5
Lock During Erase Suspend
Block lock configurations can be performed during an erase suspend operation by using
the standard locking command sequences to unlock, lock, or lock-down a block. This
feature is useful when another block requires immediate updating.
To change block locking during an erase operation, first write the Erase Suspend
command. After checking SR[6] to determine the erase operation has suspended, write
the desired lock command sequence to a block; the lock status will be changed. After
completing lock, unlock, read, or program operations, resume the erase operation with
the Erase Resume command (D0h).
If a block is locked or locked-down during a suspended erase of the same block, the
locking status bits change immediately. When the erase operation is resumed, it will
complete normally.
Locking operations cannot occur during program suspend. Appendix A, “Write State
Machine States” on page 86 shows valid commands during erase suspend.
13.1.6
Status Register Error Checking
Using nested locking or program command sequences during erase suspend can
introduce ambiguity into Status Register results.
Because locking changes require 2-cycle command sequences, for example, 60h
followed by 01h to lock a block, following the Configuration Setup command (60h) with
an invalid command produces a command sequence error (SR[5:4]=11b). If a Lock
Block command error occurs during erase suspend, the device sets SR[4] and SR[5] to
1 even after the erase is resumed. When erase is complete, possible errors during the
erase cannot be detected from the Status Register because of the previous locking
command error. A similar situation occurs if a program operation error is nested within
an erase suspend.
Table 28: Write Protection Truth Table
VPP
WP#
RST#
Write Protection
XX
VIL
Device inaccessible
VIL
XVIH
Word program and block erase prohibited
XVIL
VIH
All lock-down blocks locked
XVIH
VIH
All lock-down blocks can be unlocked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com