Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS48F4400PCZ00 Datasheet(PDF) 92 Page - Numonyx B.V

Part # JS48F4400PCZ00
Description  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400PCZ00 Datasheet(HTML) 92 Page - Numonyx B.V

Back Button JS48F4400PCZ00 Datasheet HTML 88Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 89Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 90Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 91Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 92Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 93Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 94Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 95Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 96Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
92
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
Table 41: System Interface Information
Table 40: CFI Identification
Offset
Length
Description
Addr.
Hex
Code
Value
10h
3
Query-unique ASCII string “QRY”
10:
11:
12:
--51
--52
--59
“Q”
“R”
“Y”
13h
2
Primary vendor command set and control interface ID code.
16-bit ID code for vendor-specific algorithms.
13:
14:
--03
--00
—
15h
2
Extended Query Table primary algorithm address
15:
16:
--39
--00
—
17h
2
Alternate vendor command set and control interface ID code.
0000h means no second vendor-specified algorithm exists.
17:
18:
--00
--00
—
19h
2
Secondary algorithm Extended Query Table address.
0000h means none exists.
19:
1A:
--00
--00
—
Offset
Length
Description
Add.
Hex
Code Value
1Bh
1
1B:
--17
1.7V
1Ch
1
1C:
--19
1.9V
1Dh
1
1D:
--B4 11.4V
1Eh
1
1E:
--C6 12.6V
1Fh
1
“n” such that typical single word program time-out = 2n μ-sec
1F:
--04
16μs
20h
1
“n” such that typical max. buffer write time-out = 2n μ-sec
20:
--00
NA
21h
1
“n” such that typical block erase time-out = 2n m-sec
21:
--0A
1s
22h
1
“n” such that typical full chip erase time-out = 2n m-sec
22:
--00
NA
23h
1
“n” such that maximum word program time-out = 2n times typical 23:
--04 256μs
24h
1
“n” such that maximum buffer write time-out = 2n times typical
24:
--00
NA
25h
1
“n” such that maximum block erase time-out = 2n times typical
25:
--03
8s
26h
1
“n” such that maximum chip erase time-out = 2n times typical
26:
--00
NA
VCC logic supply minimum program/erase voltage
bits 0–3 BCD 100 mV
bits 4–7 BCD volts
VCC logic supply maximum program/erase voltage
bits 0–3 BCD 100 mV
bits 4–7 BCD volts
VPP [programming] supply minimum program/erase voltage
bits 0–3 BCD 100 mV
bits 4–7 HEX volts
VPP [programming] supply maximum program/erase voltage
bits 0–3 BCD 100 mV
bits 4–7 HEX volts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com