Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS48F4400PCZ00 Datasheet(PDF) 14 Page - Numonyx B.V

Part # JS48F4400PCZ00
Description  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400PCZ00 Datasheet(HTML) 14 Page - Numonyx B.V

Back Button JS48F4400PCZ00 Datasheet HTML 10Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 11Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 12Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 13Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 14Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 15Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 16Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 17Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 18Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
14
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
3.2
W18 — 130 nm
Figure 2: 32-, 64-, and 128-Mbit VF BGA Package Drawing
E
Seating
Plane
Top View - Bump Side Down
Bottom View- Ball Side Up
Y
A
A1
D
A2
2
Ball A1
Corner
87
654
32
1
A
B
C
D
E
F
G
S
1
S
e
b
Ball A1
Corner
8
7
6
5
4
3
2
1
A
B
C
D
E
F
G
Table 6:
32-, 64-, and 128-Mbit VF BGA Package Dimensions
Dimension
Symbol
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
Package Height
A
-
-
1.000
-
-
0.0394
Ball Height
A1
0.150
-
-
0.0059
-
-
Package Body Thickness
A2
-
0.665
-
-
0.0262
-
Ball (Lead) Width
b
0.325
0.375
0.425
0.0128
0.0148
0.0167
Package Body Width (32/64-Mbit)
D
7.600
7.700
7.800
0.2992
0.3031
0.3071
Package Body Width (128-Mbit)
D
10.900
11.000
11.100
0.4291
0.4331
0.4370
Package Body Length (32/64/128-Mbit)
E
8.900
9.000
9.100
0.3504
0.3543
0.3583
Pitch
[e]
-
0.750
-
-
0.0295
-
Ball (Lead) Count
N
-
56
-
-
56
-
Seating Plane Coplanarity
Y
-
-
0.100
-
-
0.0039
Corner to Ball A1 Distance Along D (32/64-Mbit)
S1
1.125
1.225
1.325
0.0443
0.0482
0.0522
Corner to Ball A1 Distance Along D (128-Mbit)
S1
2.775
2.2875
2.975
0.1093
0.1132
0.1171
Corner to Ball A1 Distance Along E (32/64/128-Mbit)
S2
2.150
2.250
2.350
0.0846
0.0886
0.0925



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com