Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS48F4400PCZ00 Datasheet(PDF) 23 Page - Numonyx B.V

Part # JS48F4400PCZ00
Description  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400PCZ00 Datasheet(HTML) 23 Page - Numonyx B.V

Back Button JS48F4400PCZ00 Datasheet HTML 19Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 20Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 21Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 22Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 23Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 24Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 25Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 26Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 27Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 102 page
background image
November 2007
Datasheet
Order Number: 290701-18
23
Numonyx™ Wireless Flash Memory (W18)
6.0
Electrical Specifications
6.1
DC Current Characteristics
Note:
Specifications are for 130 nm and 90 nm devices unless otherwise stated; the 128 Mbit
density is supported ONLY on 90 nm.
Table 11: DC Current Characteristics (Sheet 1 of 2)
Symbol
Parameter (1)
VCCQ= 1.8 V
Unit
Test Condition
Note
32/64-Mbit
128-Mbit
TypMax
TypMax
ILI
Input Load
—
±1
—
±1
µA
VCC = VCCMax
VCCQ = VCCQMax
VIN = VCCQ or GND
8
ILO
Output
Leakage
D[15:0]
—
±1
—
±1
µA
VCC = VCCMax
VCCQ = VCCQMax
VIN = VCCQ or GND
130 nm
ICCS
VCC Standby
850
8
70
µA
VCC = VCCMax
VCCQ = VCCQMax
CE# = VCC
RST# =VCCQ
9
90 nm
ICCS
22
50
—
—
130 nm
ICCAPS
APS
850
8
70
µA
VCC = VCCMax
VCCQ = VCCQMax
CE# = VSSQ
RST# =VCCQ
All other inputs =VCCQ or VSSQ
10
90 nm
ICCAPS
22
50
—
—
ICCR
Average
VCC Read
Asynchronous
Page Mode
f=13 MHz
36
47
mA
4 Word Read
3
Synchronous CLK
= 40 MHz
6
13
6
13
mA
Burst length = 4
3
8
14
8
14
mA
Burst length = 8
10
18
11
19
mA
Burst length =16
11
20
11
20
mA
Burst length = Continuous
Synchronous CLK
= 54 MHz
7
16
7
16
mA
Burst length = 4
3
10
18
10
18
mA
Burst length = 8
12
22
12
22
mA
Burst length = 16
13
25
13
25
mA
Burst length = Continuous
ICCR
Average
VCC Read
Synchronous CLK
= 66 MHz
8
17
—
—
mA
Burst length = 4
3, 4
11
20
—
—
mA
Burst length = 8
14
25
—
—
mA
Burst length = 16
16
30
—
—
mA
Burst length = Continuous
ICCW
VCC Program
18
40
18
40
mA
VPP = VPP1, Program in Progress
4,5,6
815
8
15
mA
VPP = VPP2, Program in Progress
ICCE
VCC Block Erase
18
40
18
40
mA
VPP = VPP1, Block Erase in
Progress
4,5,6
815
8
15
mA
VPP = VPP2, Block Erase in
Progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com