Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1G3236 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST1G3236
Description  1-bit dual supply bus transceiver level translator with A-side series resistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1G3236 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST1G3236 Datasheet HTML 3Page - STMicroelectronics ST1G3236 Datasheet HTML 4Page - STMicroelectronics ST1G3236 Datasheet HTML 5Page - STMicroelectronics ST1G3236 Datasheet HTML 6Page - STMicroelectronics ST1G3236 Datasheet HTML 7Page - STMicroelectronics ST1G3236 Datasheet HTML 8Page - STMicroelectronics ST1G3236 Datasheet HTML 9Page - STMicroelectronics ST1G3236 Datasheet HTML 10Page - STMicroelectronics ST1G3236 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ST1G3236
Electrical characteristics
7/19
4
Electrical characteristics
Table 5.
DC specification for VCCA
Symbol
Parameter
Test condition
Value
Unit
VCCB
(V)
VCCA
(V)
TA = 25 °C
-40 to 85 °C
Min
Max
Min
Max
VIHA
High level
input voltage
(A1)
1.2 to
VCCA
1.2 to
1.95
0.65
VCCA
0.65
VCCA
V
1.95
to 2.7
1.6
1.6
2.7 to
3.6
22
VILA
Low level
input voltage
(A1)
1.2 to
VCCA
1.2 to
1.95
0.35VCCA
0.35
VCCA
V
1.95
to 2.7
0.7
0.8
2.7 to
3.6
0.8
0.8
VOHA
High level
output
voltage
1.2 to
VCCA
1.2 to
3.6V
IO=-100μAVCCA- 0.2
VCCA-
0.2
V
3.0
IO=-10mA
2.5
2.5
2.3
IO=-6mA
1.8
1.8
1.65
IO=-4mA
1.25
1.25
1.4
IO=-2mA
1.1
1.1
1.2
IO=-1mA
0.95
0.95
VOLA
Low level
output
voltage
1.2 to
VCCA
1.2 to
3.6V
IO=-100μA0.2
0.2
V
3.0
IO=-10mA
0.55
0.55
2.3
IO=-6mA
0.40
0.40
1.65
IO=-4mA
0.40
0.40
1.4
IO=-2mA
0.30
0.30
1.2
IO=-1mA
0.25
0.25
IIA
Input
leakage
current
2.7
3.3
VI =VCCA
or GND
± 0.5
± 5
μA
1.4
2.7
VIA =3.6V
or GND
± 0.5
± 5
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com