Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1G3236 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST1G3236
Description  1-bit dual supply bus transceiver level translator with A-side series resistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1G3236 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST1G3236 Datasheet HTML 6Page - STMicroelectronics ST1G3236 Datasheet HTML 7Page - STMicroelectronics ST1G3236 Datasheet HTML 8Page - STMicroelectronics ST1G3236 Datasheet HTML 9Page - STMicroelectronics ST1G3236 Datasheet HTML 10Page - STMicroelectronics ST1G3236 Datasheet HTML 11Page - STMicroelectronics ST1G3236 Datasheet HTML 12Page - STMicroelectronics ST1G3236 Datasheet HTML 13Page - STMicroelectronics ST1G3236 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Electrical characteristics
ST1G3236
10/19
Note:
1
CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated
from the operating current consumption without load. (Refer to Test Circuit). Average current
can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/4 (per circuit)
Table 7.
AC electrical characteristics
Symbol
Parameter
Test condition
Value
Unit
VCCB
(V)
VCCA
(V)
-40 to 85 °C
Min
Typ
Max
tPLH
tPHL
Propagation delay
time An to Bn
1.8
± 0.15
2.5
± 0.2
CL = 30 pF
RL = 500Ω
1.0
4
ns
1.8
± 0.15
3.3
± 0.3
1.0
3.5
2.5
± 0.2
3.3
± 0.3
1.0
2.8
1.8
± 0.15
2.5
± 0.2
CL = 10 pF
1.0
3.8
1.8
± 0.15
3.3
± 0.3
1.0
3.4
2.5
± 0.2
3.3
± 0.3
1.0
2.7
tPLH
tPHL
Propagation delay
time Bn to An
1.8
± 0.15
2.5
± 0.2
CL = 30 pF
RL = 500 Ω
1.0
4.5
ns
1.8
± 0.15
3.3
± 0.3
1.0
4
2.5
± 0.2
3.3
± 0.3
1.0
3
1.8
± 0.15
2.5
± 0.2
CL = 10 pF
1.0
4.5
1.8
± 0.15
3.3
± 0.3
1.0
4
2.5
± 0.2
3.3
± 0.3
1.0
3
tPZL tPZH
Output enable time
DIR to An
1.8
± 0.15
2.5
± 0.2
CL = 30 pF
RL = 500Ω
6
ns
1.8
± 0.15
3.3
± 0.3
6
2.5
± 0.2
3.3
± 0.3
6
tPZL tPZH
Output enable time
DIR to Bn
1.8
± 0.15
2.5
± 0.2
CL = 30 pF
RL = 500Ω
6
ns
1.8
± 0.15
3.3
± 0.3
6
2.5
± 0.2
3.3
± 0.3
6
Table 8.
Capacitance characteristics
Symbol
Parameter
Test condition
Value
Unit
VCCB
(V)
VCCA
(V)
TA = 25 °C
-40 to 85
°C
Min
Typ
Max
Min
Max
CINB
Input capacitance
open
open
6
pF
CI/O
I/O capacitance
2.5
3.3
6
pF
CPD
Power dissipation
capacitance
2.5
3.3
f = 10MHz
29
pF
1.8
3.3
29
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com