Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1G3236 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST1G3236
Description  1-bit dual supply bus transceiver level translator with A-side series resistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1G3236 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST1G3236 Datasheet HTML 5Page - STMicroelectronics ST1G3236 Datasheet HTML 6Page - STMicroelectronics ST1G3236 Datasheet HTML 7Page - STMicroelectronics ST1G3236 Datasheet HTML 8Page - STMicroelectronics ST1G3236 Datasheet HTML 9Page - STMicroelectronics ST1G3236 Datasheet HTML 10Page - STMicroelectronics ST1G3236 Datasheet HTML 11Page - STMicroelectronics ST1G3236 Datasheet HTML 12Page - STMicroelectronics ST1G3236 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ST1G3236
Electrical characteristics
9/19
VOHB
High level
output voltage
1.2 to
3.6V
VCCB
to
3.6V
IO=-
100
μA
VCCB-
0.2
VCCB
-0.2
V
3.0
IO=-
10mA
2.5
2.5
2.3
IO=-6mA
1.8
1.8
1.65
IO=-4mA
1.25
1.25
1.4
IO=-2mA
1.1
1.1
1.2
IO=-1mA
0.95
0.95
VOLB
Low level
output voltage
1.2 to
3.6V
VCCB
to
3.6V
IO=-
100
μA
0.2
0.2
V
3.0
IO=-
10mA
0.55
0.55
2.3
IO=-6mA
0.40
0.40
1.65
IO=-4mA
0.40
0.40
1.4
IO=-2mA
0.30
0.30
1.2
IO=-1mA
0.25
0.25
IIB
Input leakage
current
2.7
3.3
VIB
=VCC or
GND
± 0.5
± 5
μA
1.4
2.7
VIB
=3.6V or
GND
± 0.5
± 5
μA
ICCtB
Quiescent
supply current
1.2 to
VCCA
1.2 to
3.6
VIA=VCC
A or
GND
VIB=VCC
B or
GND
DIR =B
to A
0.5
5
μA
ΔICCtB
Maximum
quiescent
supply
current/input
(B1, DIR)
2.7
3.3
VIB
=VCCB
to 0.6V
VIA
=VCCB
or GND
---
0.75
μA
1.8
3.3
---
1.8
2.7
---
Table 6.
DC specification for VCCB (continued)
Symbol
Parameter
Test condition
Value
Unit
VCCB
(V)
VCCA
(V)
TA = 25 °C
-40 to 85 °C
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com