Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1G3236 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST1G3236
Description  1-bit dual supply bus transceiver level translator with A-side series resistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1G3236 Datasheet(HTML) 1 Page - STMicroelectronics

  ST1G3236 Datasheet HTML 1Page - STMicroelectronics ST1G3236 Datasheet HTML 2Page - STMicroelectronics ST1G3236 Datasheet HTML 3Page - STMicroelectronics ST1G3236 Datasheet HTML 4Page - STMicroelectronics ST1G3236 Datasheet HTML 5Page - STMicroelectronics ST1G3236 Datasheet HTML 6Page - STMicroelectronics ST1G3236 Datasheet HTML 7Page - STMicroelectronics ST1G3236 Datasheet HTML 8Page - STMicroelectronics ST1G3236 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
July 2007
Rev 1
1/19
19
ST1G3236
1-bit dual supply bus transceiver level translator
with A-side series resistor
Features
■ High speed: tPD = 4.0ns (Max.) at TA = 85°C
■ Low power dissipation:
ICCA = ICCB = 5μA(Max.) at TA = 85°C
■ Balanced propagation delays:
tPLH ≅ tPHL
■ Power-down protection on inputs and outputs
■ 26
Ω series resistor on A-side outputs
■ Operating voltage range:
–VCCA(Opr) = 1.2V to 3.6V
–VCCB(Opr) = 1.2V to VCCA
■ Latch-up performance exceeds 100mA per
JESD 78, Class II
■ ESD performance exceeds JESD22
– 2000-V Human-body model (A114-A)
Description
The ST1G3236 is a dual supply low voltage
CMOS 1-bit bus Transceiver fabricated with sub-
micron silicon gate and five-layer metal wiring
C2MOS technology. Designed for use as an
interface between a 3.3V bus and a 2.5V or 1.2V
bus in mixed supply systems of 3.3V/1.2V,
3.3V/2.5V and 2.5V/1.8V, the ST1G3236 achieves
high speed operation while maintaining low power
dissipation. VCCA and VCCB can be powered from
1.2V to 3.6V respectively. The DIR pin is designed
to track VCCB.
The device is intended for two-way asynchronous
communication between data buses and the
direction of data transmission is determined by
DIR inputs.
All inputs are equipped with protection circuits
against static discharge, giving them 2kV ESD
immunity and transient excess voltage.
DFN6L
www.st.com
Table 1.
Device summary
Order code
Package
Packaging
ST1G3236DTR
DFN6L (1.2x1mm)
Tape and Reel


Similar Part No. - ST1G3236

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1G3234 STMICROELECTRONICS-ST1G3234 Datasheet
442Kb / 11P
1-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
09-May-2005
ST1G3234 STMICROELECTRONICS-ST1G3234 Datasheet
170Kb / 15P
1-bit dual supply bus buffer level translator with A-side series resistor
16-Aug-2006
ST1G3234B STMICROELECTRONICS-ST1G3234B Datasheet
254Kb / 17P
1-bit dual supply bus buffer level translator with A-side series resistor
03-Dec-2007
ST1G3234BBJR STMICROELECTRONICS-ST1G3234BBJR Datasheet
254Kb / 17P
1-bit dual supply bus buffer level translator with A-side series resistor
03-Dec-2007
ST1G3234BJR STMICROELECTRONICS-ST1G3234BJR Datasheet
442Kb / 11P
1-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
09-May-2005
More results

Similar Description - ST1G3236

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
16-Mar-2005
ST4G3234 STMICROELECTRONICS-ST4G3234 Datasheet
472Kb / 11P
4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
09-May-2005
ST4G3235 STMICROELECTRONICS-ST4G3235 Datasheet
544Kb / 13P
4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
09-May-2005
ST1G3234 STMICROELECTRONICS-ST1G3234 Datasheet
442Kb / 11P
1-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
09-May-2005
74VCXH1632245 STMICROELECTRONICS-74VCXH1632245 Datasheet
386Kb / 17P
16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
01-Jun-2004
ST2G3236 STMICROELECTRONICS-ST2G3236 Datasheet
290Kb / 20P
2-bit dual supply bus transceiver level translator with a side series resistor
06-Dec-2006
ST1G3234_0508 STMICROELECTRONICS-ST1G3234_0508 Datasheet
170Kb / 15P
1-bit dual supply bus buffer level translator with A-side series resistor
16-Aug-2006
ST1G3234B STMICROELECTRONICS-ST1G3234B Datasheet
254Kb / 17P
1-bit dual supply bus buffer level translator with A-side series resistor
03-Dec-2007
ST4G3235 STMICROELECTRONICS-ST4G3235_07 Datasheet
218Kb / 21P
4-bit dual supply bus buffer level translator with a side series resistor
14-Jun-2007
74VCX1632245TBR STMICROELECTRONICS-74VCX1632245TBR Datasheet
633Kb / 18P
16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
16-Mar-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com