Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1G3236 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST1G3236
Description  1-bit dual supply bus transceiver level translator with A-side series resistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1G3236 Datasheet(HTML) 4 Page - STMicroelectronics

  ST1G3236 Datasheet HTML 1Page - STMicroelectronics ST1G3236 Datasheet HTML 2Page - STMicroelectronics ST1G3236 Datasheet HTML 3Page - STMicroelectronics ST1G3236 Datasheet HTML 4Page - STMicroelectronics ST1G3236 Datasheet HTML 5Page - STMicroelectronics ST1G3236 Datasheet HTML 6Page - STMicroelectronics ST1G3236 Datasheet HTML 7Page - STMicroelectronics ST1G3236 Datasheet HTML 8Page - STMicroelectronics ST1G3236 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Pin connection
ST1G3236
4/19
2
Pin connection
Figure 3.
Input and output equivalent circuit
Table 2.
Truth table
Dir input
Function
Bus A
Bus B
L
Output
Input
H
Input
Output
An/Bn
ESD
protection
GND
GND
GND
GND
GND
GND
ESD
protection
Control Inputs
CS157401
Overvolt.
control
CCB / CCA
V
V
Bn/An
R S = (0Ω / 26Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com