Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1G3236 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST1G3236
Description  1-bit dual supply bus transceiver level translator with A-side series resistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1G3236 Datasheet(HTML) 3 Page - STMicroelectronics

  ST1G3236 Datasheet HTML 1Page - STMicroelectronics ST1G3236 Datasheet HTML 2Page - STMicroelectronics ST1G3236 Datasheet HTML 3Page - STMicroelectronics ST1G3236 Datasheet HTML 4Page - STMicroelectronics ST1G3236 Datasheet HTML 5Page - STMicroelectronics ST1G3236 Datasheet HTML 6Page - STMicroelectronics ST1G3236 Datasheet HTML 7Page - STMicroelectronics ST1G3236 Datasheet HTML 8Page - STMicroelectronics ST1G3236 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ST1G3236
Device summary
3/19
1
Device summary
1.1
Pin settings
Figure 1.
Logic diagram
Figure 2.
Pin connection (top through view)
1.2
Pin description
DIR
B1
A1
VCCB
VCCA
CS000101
GND
1
2
3
6
5
4
DFN6L
CCA
GND
V
A1
CCB
V
B1
DIR
Table 1.
Pin description
Pin N°
Symbol
Name and function
1VCCA
Positive supply voltage
2
GND
Ground (0V)
3
A1
Data Inputs/Outputs
4
B1
Data Inputs/Outputs
5
DIR
Directional controls
6VCCB
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com