Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1208S Datasheet(PDF) 11 Page - STMicroelectronics

Part # STMPE1208S
Description  Xpander Logic with 12-channel touchkey
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1208S Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STMPE1208S_08 Datasheet HTML 7Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 8Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 9Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 10Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 11Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 12Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 13Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 14Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
STMPE1208S
I2C interface
11/51
Data Input
The device samples the data input on SDATA on the rising edge of the SCLK. The SDATA
signal must be stable during the rising edge of SCLK and the SDATA signal must change
only when SCLK is driven low.
Slave device address
The slave device address is a 7 or 10-bit address, where the least significant 3-bit are
programmable. These 3-bit values will be loaded in once upon reset and after that these 3
pins no longer be needed with the exception during General Call. Up to 4 STMPE1208S
devices can be connected on a single I2C bus.
Memory addressing
For the bus master to communicate to the slave device, the bus master must initiate a Start
condition and followed by the slave device address. Accompanying the slave device
address, there is a Read/ bit (R/ ). The bit is set to 1 for read and 0 for write operation.
If a match occurs on the slave device address, the corresponding device gives an
acknowledgement on the SDA during the 9th bit time. If there is no match, it deselects itself
from the bus by not responding to the transaction.
Table 5.
Operation modes
Mode
Byte
Programming sequence
Read
≥1
Start, Device address, R/W = 0, Register address to be read
Restart, Device address, R/W = 1, Data Read, STOP
If no Stop is issued, the Data Read can be continuously performed. If
the register address falls within the range that allows an address auto-
increment, then the register address auto-increments internally after
every byte of data being read. For those register addresses that fall
within a non-incremental address range, the address will be kept static
throughout the entire write operations. Refer to the memory map table
for the address ranges that are auto and non-increment. An example
of such a non-increment address is FIFO
Write
≥1
Start, Device address, R/W = 0, Register address to be written, Data
Write, Stop
If no Stop is issued, the Data Write can be continuously performed. If
the register address falls within the range that allows address auto-
increment, then the register address auto-increments internally after
every byte of data being written in. For those register addresses that
fall within a non-incremental address range, the address will be kept
static throughout the entire write operations. Refer to the memory map
table for the address ranges that are auto and non-increment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com