Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1208S Datasheet(PDF) 21 Page - STMicroelectronics

Part # STMPE1208S
Description  Xpander Logic with 12-channel touchkey
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1208S Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STMPE1208S_08 Datasheet HTML 17Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 18Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 19Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 20Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 21Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 22Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 23Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 24Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
STMPE1208S
Register map and function description
21/51
FEATURE_SEL
Feature selection register
Address:
0x00
Type:
R/W
Reset:
0x04
Description:
The feature selection register is used to select the AFS mode and filter enable
TVR
Touch variance register [0-11]
Address:
0x01 - 0x0C
Type:
R/W
Reset:
0x08
Description:
Setting the TVR between 0 - 99
A high TVR value decreases the sensitivity of the sensor, but increasing its tolerance
to ambient noise. A small TVR value increases the sensitivity.
Each step of TVR is equivalent to a capacitance of 60 fF
Recommended value to TVR is 4-8.
7654
3
2
1
0
RESERVED
AFS3
AFS2
AFS1
FILTER_EN
[7:4] RESERVED
[3] AFS3: write '1' to enable AFS mode 3 (two strongest keys only)
[2] AFS2: write '1' to enable AFS mode 2 (all keys above threshold)
[1] AFS1: write '1' to enable AFS mode 1 (one strongest key only)
[0] FILTER_EN: write '1' to enable filter feature
Note: only one bit among AFS1, AFS2, AFS3 could be set to '1' at the same time. If more than
one are set to '1', results of the operation would be unpredictable.
7654
3
2
1
0
-
TVR
[6:0]
[7] RESERVED
[6:0] TVR [6:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com