Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1208S Datasheet(PDF) 16 Page - STMicroelectronics

Part # STMPE1208S
Description  Xpander Logic with 12-channel touchkey
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1208S Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STMPE1208S_08 Datasheet HTML 12Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 13Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 14Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 15Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 16Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 17Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 18Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 19Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
Capacitive sensors
STMPE1208S
16/51
The STMPE1208S maintains 2 parameters for each TOUCH channels: TVR and
CALIBRATED IMPEDANCE. CALIBRATED IMPEDANCE is an internal reference of which, if
the currently measured IMPEDANCE exceeds the CALIBRATED IMPEDANCE by a
magnitude of TVR, it is considered a TOUCH.
If the IMPEDANCE is more than the CALIBRATED IMPEDANCE, but the magnitude does
not exceed CALIBRATED IMPEDANCE by TVR, it is not considered a TOUCH. In this case,
2 scenarios are possible:
1. Environmental changes has caused the IMPEDANCE to increase
2. Finger is near the sensing pad, but not near enough
In case 1, the change in IMPEDANCE is expected to be small, as environmental changes
are normally gradual. A value "EVR" is maintained to specify the maximum IMPEDANCE
change that is still considered an environmental change.
ETC WAIT register state a period of time of which, all TOUCH inputs must remain "NO
TOUCH" for the next calibration to be carried out.
CAL INTERVAL states the period of time between successive calibrations when there are
prolonged NO TOUCH condition.
5.3.1
3-stage data filtering system
The output from the calibration unit is an instantaneous "TOUCH" or "NO TOUCH" status.
This output is directed to the filtering stage where the 2 stage noise filtering and 1 stage
data filtering is applied to the touch status.
Table 6.
Calibration action under different scenarios
Scenario
Touch sensing and calibration action
IMP>CALIBRATED IMP + TVR
TOUCH,
no calibration
IMP>CALIBRATED IMP + EVR
NO TOUCH,
no calibration
IMP<CALIBRATED IMP + TVR
IMP<CALIBRATED IMP + EVR
NO TOUCH,
new CALIBRATED IMP = previous
IMP>CALIBRATED IMP
CALIBRATED IMP + change in IMP
IMP<CALIBRATED IMP
NO TOUCH,
new CALIBRATED IMP = new IMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com