Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1208S Datasheet(PDF) 27 Page - STMicroelectronics

Part # STMPE1208S
Description  Xpander Logic with 12-channel touchkey
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1208S Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STMPE1208S_08 Datasheet HTML 23Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 24Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 25Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 26Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 27Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 28Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 29Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 30Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
STMPE1208S
Register map and function description
27/51
CTRL_1
Control register 1
Address:
0x24
Type:
R/W
Reset:
0x00
Description:
Control register.
7654
3
2
1
0
-
F2A
PDIV[1:0]
NDIV
HDC_U
HDC_C
HOLD_C
[7] RESERVED
[6] F2A:
Write '1' to force the device to stay in active mode at all times. For best performance and
stability, this bit must be set to ‘1’ at all times.
[5:4] PDIV[1:0]:
'00' : System clock = 1.6MHz
'01' : System clock = 800KHz
'10' : System clock = 400KHz
'11' : System clock = 200KHz
[3] NDIV:
Sensor clock frequency setting:
'0' :sensor clock = system clock / 80
'1' :sensor clock = system clock / 160
Initial calibration time = sensor clock * 150
[2] HDC_U:
Unconditional host driven calibration. Executes an unconditional calibration. This is valid only if
"Hold C" bit is set, and device in Active mode. Reads '0' when calibration is completed.
[1] HDC_C:
Conditional host driven calibration. Executes a calibration if no touch is being sensed.
[0] HOLD_C:
'0' for auto-calibration mode
'1' disables auto-calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com