Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1208S Datasheet(PDF) 20 Page - STMicroelectronics

Part # STMPE1208S
Description  Xpander Logic with 12-channel touchkey
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1208S Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STMPE1208S_08 Datasheet HTML 16Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 17Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 18Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 19Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 20Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 21Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 22Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 23Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
Register map and function description
STMPE1208S
20/51
0x2A
CAL_INTERVAL
R/W
0x30
Set the interval between
calibrations
0x2B
EXT_INT_EN
R/W
0x00
Enable for GPIO interrupt
0x2C
EXT_INT_POL
R/W
0x00
Polarity of GPIO interrupt
0x2D
FILTER_PERIOD
R/W
0x00
Set the period for filter feature
0x2E
FILTER_TRES
R/W
0x00
Set the threshold of filter
feature
0x50
−0x5B STRENGHT
R
0x00
Strength recorded during each
integration period in AFS mode
0x5C
−0x67 CAL_IMP
R
0x00
Reference impedance of each
channel after ETC calibration
0x68
−0x73 IMP
R
0x00
Measured impedance of each
channel
0x74
STA
R
0x00
Power management mode
0x75
TOUCH_BYTE_L
R
0x00
Touch sensing data output
0x76
TOUCH_BYTE_H
R
0x00
Touch sensing data output
0x77
INT_PENDING
R
0x00
Status of GINT interrupt
sources
0x78
GPIO_IN_L
R
0x00
GPIO input states can be read
here
0x79
GPIO_IN_H
R
0x00
GPIO input states can be read
here
0xF8
CLK_SRC_INTERN
W
−
0xF9
CLK_SRC_EXT
W
−
0xFA
BIAS_OFF
W
−
0xFB
BIAS_ON
W
−
0xFC
WAKEUP_SLEEP
W
−
0xFD
ENTER_SLEEP
W
−
0xFE
COLD_RST
W
−
0xFF
WARM_RST
W
−
Table 7.
Register summary map table (continued)
Address
Module register
Type
Reset value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com