Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1208S Datasheet(PDF) 45 Page - STMicroelectronics

Part # STMPE1208S
Description  Xpander Logic with 12-channel touchkey
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1208S Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STMPE1208S_08 Datasheet HTML 41Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 42Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 43Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 44Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 45Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 46Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 47Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 48Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
STMPE1208S
Package mechanical data
45/51
10
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Table 12.
QFN40 (5 x 5 mm) mechanical data
Symbol
millimeters
Min
Typ
Max
A
0.80
0.85
0.90
A1
0.00
0.05
A3
0.203 ref
b
0.15
0.20
0.25
D5.00 BSC
E5.00 BSC
D2
3.70
3.80
3.90
E2
3.70
3.80
3.90
e0.40 BSC
L
0.30
0.35
0.40
L1
0.10
P45
° BSC
aaa
0.15
ccc
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com