Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DALC208 Datasheet(PDF) 7 Page - STMicroelectronics

Part # DALC208
Description  Low capacitance diode array
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DALC208 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button DALC208 Datasheet HTML 3Page - STMicroelectronics DALC208 Datasheet HTML 4Page - STMicroelectronics DALC208 Datasheet HTML 5Page - STMicroelectronics DALC208 Datasheet HTML 6Page - STMicroelectronics DALC208 Datasheet HTML 7Page - STMicroelectronics DALC208 Datasheet HTML 8Page - STMicroelectronics DALC208 Datasheet HTML 9Page - STMicroelectronics DALC208 Datasheet HTML 10Page - STMicroelectronics DALC208 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DALC208
Crosstalk behavior
7/14
3
Crosstalk behavior
3.1
Crosstalk phenomena
Figure 13.
Crosstalk phenomena
The crosstalk phenomenon is due to the coupling between 2 lines. The coupling factor (
β12
or
β21) increases when the gap across lines decreases, particularly in silicon dice. In the
example in Figure 13 the expected signal on load R
L2 is
α
2VG2, in fact the real voltage at this
point has got an extra value
β
21VG1. This part of the VG1 signal represents the effect of the
crosstalk phenomenon of line 1 on line 2. This phenomenon has to be taken into account
when the drivers impose fast digital data or high frequency analog signals in the disturbing
line. The disturbed line will be more affected if it works with low voltage signal or high load
impedance (few k
Ω). The following sections give the value of both digital and analog
crosstalk.
3.2
Digital crosstalk
Figure 14 shows the measurement circuit used to quantify the crosstalk effect in a classical
digital application. Figure 15 shows that in such a condition: signal from 0 V to 5 V and a rise
time of 5 ns, the impact on the disturbed line is less than 100mV peak to peak. No data
disturbance was noted on the concerned line. The same results were obtained with falling
edges.
Line 1
Line 2
VG1
VG2
RG1
RG2
DRIVERS
RL1
RL2
RECEIVERS
α
β
+
1
12
VG1
VG2
α
β
+
2
21
VG2
VG1
Figure 14.
Digital crosstalk measurements
Figure 15.
Digital crosstalk results
DALC208SC6
100nF
+5V
Line 1
Line 2
VG1
β21 VG1
+5V
+5V
74HC04
+5V
Square
Pulse
Generator
5KHz
74HC04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com