Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DALC208 Datasheet(PDF) 10 Page - STMicroelectronics

Part # DALC208
Description  Low capacitance diode array
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DALC208 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button DALC208 Datasheet HTML 6Page - STMicroelectronics DALC208 Datasheet HTML 7Page - STMicroelectronics DALC208 Datasheet HTML 8Page - STMicroelectronics DALC208 Datasheet HTML 9Page - STMicroelectronics DALC208 Datasheet HTML 10Page - STMicroelectronics DALC208 Datasheet HTML 11Page - STMicroelectronics DALC208 Datasheet HTML 12Page - STMicroelectronics DALC208 Datasheet HTML 13Page - STMicroelectronics DALC208 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PSpice model
DALC208
10/14
5
PSpice model
Figure 23 shows the PSpice model of one DALC208SC6 cell. In this model, the diodes are
defined by the PSpice parameters given in Table 4.
Note:
This simulation model is available only for an ambient temperature of 27 °C. The simulations
done (Figure 24, Figure 25 and Figure 26) show that the PSpice model is close to the
product behavior.
Figure 23.
PSpice model of one DALC208SC6
cell
Figure 24.
PSpice model simulation: surge > 0
IEC 61000-4-2 contact discharge
response
Vref2
Vref1
I/O
Dpos
Dneg
0.3
Ω
0.5
Ω
0.8nH
1.45nH
0.8nH 0.3
Ω
0
50
100
0
10
20
30
40
50
60
t(ns)
Current (A) / Voltage (V)
Current
Surge
I/O
Voltage
Figure 25.
PSpice model simulation: surge < 0
IEC61000-4-2 contact discharge
response
Figure 26.
Attenuation comparison
0
50
100
-50
-40
-30
-20
-10
0
t(ns)
Current (A) / Voltage (V)
Current
Surge
I/O
Voltage
1
10
100
1,000
-30
-20
-10
0
f(MHz)
dBm
Measured
PSpice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com